Electronic Components Datasheet Search
  English  ▼

X  

IR2102 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2102
Description  HIGH AND LOW SIDE DRIVER Product Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2102 Datasheet(HTML) 1 Page - International Rectifier

  IR2102 Datasheet HTML 1Page - International Rectifier IR2102 Datasheet HTML 2Page - International Rectifier IR2102 Datasheet HTML 3Page - International Rectifier IR2102 Datasheet HTML 4Page - International Rectifier IR2102 Datasheet HTML 5Page - International Rectifier IR2102 Datasheet HTML 6Page - International Rectifier IR2102 Datasheet HTML 7Page - International Rectifier IR2102 Datasheet HTML 8Page - International Rectifier IR2102 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet No. PD60043 Rev.O
Typical Connection
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout
• 3.3V, 5V, and 15V logic input compatible
• Matched propagation delay for both channels
• Outputs in phase with inputs (IR2101) or out of
phase with inputs (IR2102)
• Also available LEAD-FREE
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
130 mA / 270 mA
VOUT
10 - 20V
ton/off (typ.)
160 & 150 ns
Delay Matching
50 ns
IR2101(S)/IR2102(S) &(PbF)
Description
The IR2101(S)/IR2102(S) are high voltage, high speed
power MOSFET and IGBT drivers with independent
high and low side referenced output channels. Pro-
prietary HVIC and latch immune CMOS technologies
enable ruggedized monolithic construction. The logic
input is compatible with standard CMOS or LSTTL
output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum
driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in
the high side configuration which operates up to 600 volts.
www.irf.com
1
(Refer to Lead Assignments for correct pin
configuration). This/These diagram(s) show
electrical connections only. Please refer to
our Application Notes and DesignTips for
proper circuit board layout.
IR2102
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
IR2101
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
Packages
8-Lead SOIC
IR2101S/IR2102S
8-Lead PDIP
IR2101/IR2102


Similar Part No. - IR2102

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
HIGH AND LOW SIDE DRIVER
IR2102 IRF-IR2102 Datasheet
138Kb / 13P
HIGH AND LOW SIDE DRIVER
IR2102 IRF-IR2102 Datasheet
144Kb / 14P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2102 INFINEON-IR2102 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IR21024 IRF-IR21024 Datasheet
209Kb / 15P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
logo
List of Unclassifed Man...
P1013NXN2LFB ETC2-P1013NXN2LFB Datasheet
75Kb / 1P
Product Summary Page
logo
International Rectifier
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
logo
Guangdong Youtai Semico...
BSO615NG UMW-BSO615NG Datasheet
313Kb / 8P
PRODUCT SUMMARY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com