Electronic Components Datasheet Search
  English  ▼

X  

AMMCL00XA Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AMMCL00XA
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL00XA Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AMMCL00XA Datasheet HTML 28Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 29Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 30Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 31Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 32Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 33Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 34Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 35Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
AmMCL00XA
PR EL IMIN A R Y
REVISION HISTORY FOR AMMCL00XA
Distinctive Characteristics
Added industrial temperature bullet. Revised low
power consumption specifications. Deleted “Small
Form Factor” bullets.
General Description
Revised text to indicate that the Miniature Card specifi-
cation will be defined by PCMCIA. Deleted references
to the elastomeric connector.
Table 2, AMD Flash Miniature Cards and Flash
Devices
Added WP as part of required base part number.
Miniature Card Pad Assignments
BUSY#: Revised to indicate that the Miniature Card
cannot accept most operations when BUSY# is low.
CD#: Deleted last sentence.
Ordering Information
Added Industrial temperature range. Deleted NP option
from part number. Added WP as part of required base
part number.
Figure 2, Host/Card Address Assignments
Labeled host bus in drawing. Deleted NC callouts in
drawing.
Tables 5–9, Command Definitions
Revised for easier reference: removed “H” designators
from table (now indicated in notes), removed 4-cycle
Reset/Read command, separated Read and Reset
commands, moved RA, RW, RD, PA, PW, PD, X, SA
definitions to legend. Moved Erase Suspend and Erase
Resume definitions from table to notes.
Operating Ranges
Added industrial temperature range.
AC Characteristics, Write Operations
Deleted tELQV, tAVQV, tGLQV, tELQX, tEHQZ, tGLQX, tGHQZ,
tAXQX, tWHGL, tGLQNZ
Embedded Erase Algorithm
Removed last paragraph.
Absolute Maximum Ratings
Revised storage and ambient temperature ratings.
Operating Ranges
Added industrial temperature range.
DC Characteristics
Revised ICC specifications. Added frequency specifica-
tion to Note 2.
AC Characteristics, Write (Erase/Program)
Operations
Deleted tELQV, tAVQV, tGLQV, tELQX, tEHOZ, tGLOX, tGHQZ,
tAXQX, tWHGL, tGLQNZ.
Table 19, AMD Compatibility Data
Added two tuples of data to list, covering addresses
100h–10Bh.
Trademarks
Copyright © 1997 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com