Electronic Components Datasheet Search
  English  ▼

X  

LT3591 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LT3591
Description  White LED Driver with Integrated Schottky in 3mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3591 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LT3591 Datasheet HTML 8Page - Linear Integrated Systems LT3591 Datasheet HTML 9Page - Linear Integrated Systems LT3591 Datasheet HTML 10Page - Linear Integrated Systems LT3591 Datasheet HTML 11Page - Linear Integrated Systems LT3591 Datasheet HTML 12Page - Linear Integrated Systems LT3591 Datasheet HTML 13Page - Linear Integrated Systems LT3591 Datasheet HTML 14Page - Linear Integrated Systems LT3591 Datasheet HTML 15Page - Linear Integrated Systems LT3591 Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3591
16
3591f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0207 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant-Current, Constant Voltage 1.24MHz, High Efficiency
Boost Regulator
Up to 16 White LEDs, VIN: 1.6V to 18V, VOUT(MAX) = 34V,
IQ = 1.8mA, ISD < 1µA, MS Package
LT1937
Constant-Current, 1.2MHz, High Efficiency White LED Boost
Regulator
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX) = 34V,
IQ = 1.9mA, ISD < 1µA, ThinSOT
TM/SC70 Packages
LTC®3200
Low Noise, 2MHz Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 8mA, ISD < 1µA,
MS Package
LTC3200-5
Low Noise, 2MHz Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 8mA, ISD < 1µA,
ThinSOT Package
LTC3201
Low Noise, 1.7MHz Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 6.5mA, ISD < 1µA,
MS Package
LTC3202
Low Noise, 1.5MHz Regulated Charge Pump White LED Driver
Up to 8 White LEDs, VIN: 2.7V to 4.5V, IQ = 5mA, ISD < 1µA,
MS Package
LTC3205
High Efficiency, Multidisplay LED Controller
Up to 4 (Main), 2 (Sub) and RGB, VIN: 2.8V to 4.5V,
IQ = 50µA, ISD < 1µA, 24-Lead QFN Package
LT3465/LT3465A
Constant-Current, 1.2MHz/2.7MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
Up to 6 White LEDs, VIN: 2.7V to 16V, VOUT(MAX) = 34V,
IQ = 1.9mA, ISD < 1µA, ThinSOT Package
LT3466/LT3466-1
Dual Full Function, 2MHz Diodes White LED Step-Up Converter
with Built-In Schottkys
Up to 20 White LEDs, VIN: 2.7V to 24V, VOUT(MAX) = 39V,
DFN, TSSOP-16 Packages
LT3486
Dual 1.3A White LED Converter with 1000:1 True Color PWM
Dimming
Drives Up to 16 100mA White LEDs. VIN: 2.5V to 24V,
VOUT(MAX) = 36V, DFN, TSSOP Packages
LT3491
2.3MHz White LED Driver with Integrated Schottky Diode
Drives Up to 6 LEDs. VIN: 2.5V to 12V, VOUT(MAX) = 27V, SC70 and
DFN Packages
LT3497
Dual Full Function 2.3MHz LED Driver with 250:1 True Color
PWM Dimming with Integrated Schottky Diodes
Up to 12 White LEDs, VIN: 2.5V to 10V, VOUT(MAX) = 32V,
3mm × 2mm DFN Package
ThinSOT is a trademark of Linear Technology Corporation
CTRL
VIN
C2
2.2
µF
C1
1
µF
L1
22
µH
VIN
3V TO 5V
RSENSE
10
Ω
3591 TA09a
LT3591
SHUTDOWN AND
DIMMING CONTROL
SW
CAP
LED
GND
C1: TAIYO YUDEN EMK107BJ105MA
C2: MURATA GRM31CR71H225KA88
L1: TAIYO YUDEN NR4018T220M
LED CURRENT (mA)
0
85
80
75
70
65
60
55
15
3591 TA09b
510
20
VIN = 3.6V
9 LEDs
Li-Ion Driver for Nine White LEDs
Conversion Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com