Electronic Components Datasheet Search
  English  ▼

X  

LT3591 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT3591
Description  White LED Driver with Integrated Schottky in 3mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3591 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT3591 Datasheet HTML 1Page - Linear Integrated Systems LT3591 Datasheet HTML 2Page - Linear Integrated Systems LT3591 Datasheet HTML 3Page - Linear Integrated Systems LT3591 Datasheet HTML 4Page - Linear Integrated Systems LT3591 Datasheet HTML 5Page - Linear Integrated Systems LT3591 Datasheet HTML 6Page - Linear Integrated Systems LT3591 Datasheet HTML 7Page - Linear Integrated Systems LT3591 Datasheet HTML 8Page - Linear Integrated Systems LT3591 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3591
2
3591f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)................................................... 12V
CTRL Voltage ........................................................... 12V
SW Voltage .............................................................. 45V
CAP Voltage ............................................................. 45V
LED Voltage ............................................................. 45V
Operating Junction Temperature Range
(Note 2) ...............................................– 40°C to 85°C
Maximum Junction Temperature ........................ 125°C
Storage Temperature Range...................– 65°C to 150°C
(Note 1)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
LED Current Sense Voltage (VCAP – VLED)VCAP = 24V, ISW = 300mA
●
190
200
210
mV
CAP Pin Bias Current
VCAP = 36V, VLED = 35.8V
40
80
µA
LED Pin Bias Current
VCAP = 36V, VLED = 35.8V
20
40
µA
Supply Current
VCAP = 24V, VLED = 23V
CTRL = 0V
4
9
5
11
mA
µA
Switching Frequency
0.75
1
1.2
MHz
Maximum Duty Cycle
92
94
%
Switch Current Limit
●
500
800
mA
Switch VCESAT
ISW = 300mA
200
mV
Switch Leakage Current
VSW = 24V
0.1
5
µA
VCTRL for Full LED Current
VCAP = 44V
●
1.5
V
VCTRL to Shut Down IC
50
mV
VCTRL to Turn On IC
●
100
mV
CTRL Pin Bias Current
100
nA
CAP Pin Overvoltage Protection
●
40
42
44
V
Schottky Forward Drop
ISCHOTTKY = 200mA
0.8
V
Schottky Leakage Current
VR = 30V
4
µA
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VIN
GND
NC
SW
CTRL
LED
NC
CAP
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) SHOULD BE CONNECTED TO PCB GROUND
ORDER PART NUMBER
DDB PART MARKING
LT3591EDDB
LCPG
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL = 3V, unless otherwise specified.
Note 2: The LT3591E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 85°C operating junction temperature range are assured
by design, characterization and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com