Electronic Components Datasheet Search
  English  ▼

X  

LTC3526 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC3526
Description  500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3526 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC3526 Datasheet HTML 1Page - Linear Integrated Systems LTC3526 Datasheet HTML 2Page - Linear Integrated Systems LTC3526 Datasheet HTML 3Page - Linear Integrated Systems LTC3526 Datasheet HTML 4Page - Linear Integrated Systems LTC3526 Datasheet HTML 5Page - Linear Integrated Systems LTC3526 Datasheet HTML 6Page - Linear Integrated Systems LTC3526 Datasheet HTML 7Page - Linear Integrated Systems LTC3526 Datasheet HTML 8Page - Linear Integrated Systems LTC3526 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3526/LTC3526B

3526bfd
Typical applicaTion
applicaTions
FeaTures
DescripTion
500mA 1MHz Synchronous
Step-Up DC/DC Converters
in 2mm
× 2mm DFN
TheLTC®3526/LTC3526Baresynchronous,fixedfrequency
step-up DC/DC converters with output disconnect. Syn-
chronous rectification enables high efficiency in the low
profile 2mm
× 2mm DFN package. Battery life in single
AA/AAA powered products is extended further with an
850mV start-up voltage and operation down to 500mV
once started.
A switching frequency of 1MHz minimizes solution foot-
print by allowing the use of tiny, low profile inductors and
ceramic capacitors. The current mode PWM design is
internallycompensated,reducingexternalpartscount.The
LTC3526 features automatic Burst Mode operation at light
load conditions, while the LTC3526B features continuous
switching at light loads. Anti-ringing control circuitry also
reduces EMI concerns by damping the inductor in discon-
tinuous mode. Additional features include a low shutdown
current of under 1µA and thermal shutdown.
The LTC3526/LTC3526B are housed in a 2mm
× 2mm ×
0.75mm DFN package.
For new designs, we recommend the LTC3526L/LTC3526LB.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
n
Medical Instruments
n
Flash-Based MP3 Players
n
Noise Canceling Headphones
n
Wireless Mice
n
Bluetooth Headsets
n
Delivers 3.3V at 100mA from a Single Alkaline/
NiMH Cell or 3.3V at 200mA from Two Cells
n
VIN Start-Up Voltage: 850mV
n
1.6V to 5.25V VOUT Range
n
Up to 94% Efficiency
n
Output Disconnect
n
1MHz Fixed Frequency Operation
n
VIN > VOUT Operation
n
Integrated Soft-Start
n
Current Mode Control with Internal Compensation
n
Automatic Burst Mode® Operation with 9µA
Quiescent Current (LTC3526)
n
Low Noise PWM Operation (LTC3526B)
n
Internal Synchronous Rectifier
n
Logic Controlled Shutdown (IQ < 1µA)
n
Anti-Ringing Control
n
Low Profile (2mm
× 2mm × 0.75mm) DFN Package
SW
VIN
1.78M
4.7µH
1M
1µF
4.7µF
3526 TA01a
LTC3526
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA01b
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
EFFICIENCY
POWER LOSS
VIN = 2.4V
LTC3526 Efficiency and Power Loss vs Load Current
NOT RECOMMENDED FOR NEW DESIGNS
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC3526

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com