Electronic Components Datasheet Search
  English  ▼

X  

LTC3526 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC3526
Description  500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3526 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC3526 Datasheet HTML 1Page - Linear Integrated Systems LTC3526 Datasheet HTML 2Page - Linear Integrated Systems LTC3526 Datasheet HTML 3Page - Linear Integrated Systems LTC3526 Datasheet HTML 4Page - Linear Integrated Systems LTC3526 Datasheet HTML 5Page - Linear Integrated Systems LTC3526 Datasheet HTML 6Page - Linear Integrated Systems LTC3526 Datasheet HTML 7Page - Linear Integrated Systems LTC3526 Datasheet HTML 8Page - Linear Integrated Systems LTC3526 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3526/LTC3526B

3526bfd
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3526E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
102°C/W.
Efficiency vs Load Current and VIN
for VOUT = 1.8V (LTC3526)
Efficiency vs Load Current and VIN
for VOUT = 3.3V (LTC3526)
Efficiency vs Load Current and VIN
for VOUT = 5V (LTC3526)
No-Load Input Current vs VIN
Maximum Output Current vs VIN
Minimum Load Resistance
During Start-Up vs VIN
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 G01
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.0V
VIN = 1.2V
VIN = 1.5V
PLOSS AT VIN = 1.0V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 1.5V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 G02
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 1.8V
VIN = 2.4V
VIN = 3.0V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 1.8V
PLOSS AT VIN = 2.4V
PLOSS AT VIN = 3.0V
VIN (V)
0.5
60
70
80
4.5
3526 G04
50
40
10
1.5
2.5
3.5
1.0
2.0
3.0
4.0
30
20
100
90
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 G03
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 2.4V
PLOSS AT VIN = 3.6V
PLOSS AT VIN = 4.2V
VIN (V)
0.5
200
300
4.5
3526 G05
100
0
1.5
2.5
3.5
1.0
2.0
3.0
4.0
400
150
250
50
350
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
L = 4.7µH
VIN (V)
0.95
10
100
1000
1.05
1.15
3526 G06
0.85
1.25
elecTrical characTerisTics
Typical perFormance characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com