| Electronic Components Datasheet Search |
|
PALCE20V8 Datasheet(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
PALCE20V8 Datasheet(HTML) 3 Page - Advanced Micro Devices |
|
3 / 16 page ![]() AMD 2-157 PALCE20V8H-5/7/10/15/25, Q-10/15/25 (Com’l) PALCE20V8H-15/25, Q-20/25 (Ind) ORDERING INFORMATION Commercial and Industrial Products PALCE20V8Q-15 PALCE20V8H-15 PALCE20V8Q-10 Blank, /4 NUMBER OF FLIP-FLOPS OUTPUT TYPE V = Versatile TECHNOLOGY CE = CMOS Electrically Erasable PC, JC Valid Combinations AMD programmable logic products for commercial and industrial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of: PAL CE 20 V 8 H -5 P C PALCE20V8Q-20 PACKAGE TYPE P = 24-Pin 300 mil Plastic SKINNYDIP (PD3024) J = 28-Pin Plastic Leaded Chip Carrier (PL 028) OPERATING CONDITIONS C = Commercial (0 °C to +75°C) I = Industrial (–40 °C to +85°C) SPEED -5 = 5 ns tPD -7 = 7.5 ns tPD -10 = 10 ns tPD -15 = 15 ns tPD -20 = 20 ns tPD -25 = 25 ns tPD FAMILY TYPE PAL = Programmable Array Logic POWER H = Half Power (90-125 mA ICC) Q = Quarter Power (55 mA ICC) /5 PROGRAMMING DESIGNATOR Blank = Initial Algorithm /4 = First Revision /5 Second Revision (Same algorithm as /4) PALCE20V8H-10 /5 NUMBER OF ARRAY INPUTS PALCE20V8H-7 PALCE20V8H-25 PALCE20V8H-5 JC /5 Blank, /4 Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of spe- cific valid combinations and to check on newly re- leased combinations. PC, JC, PI, JI PC, JC PALCE20V8Q-25 PI, JI PC, JC, PI, JI |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |