Electronic Components Datasheet Search
  English  ▼

X  

PALCE20V8 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # PALCE20V8
Description  EE CMOS 24-Pin Universal Programmable Array Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE20V8 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button PALCE20V8 Datasheet HTML 8Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 9Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 10Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 11Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 12Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 13Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 14Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 15Page - Advanced Micro Devices PALCE20V8 Datasheet HTML 16Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AMD
2-182
PALCE20V8 Family
POWER-UP RESET
The PALCE20V8 has been designed with the capability
to reset during system power-up. Following power-up,
all flip-flops will be reset to LOW. The output state will be
HIGH independent of the logic polarity. This feature pro-
vides extra flexibility to the designer and is especially
valuable in simplifying state machine initialization. A
timing diagram and parameter table are shown below.
Due to the synchronous operation of the power-up reset
and the wide range of ways VCC can rise to its steady
state, two conditions are required to insure a valid
power-up reset. These conditions are:
s The VCC rise must be monotonic.
s Following reset, the clock input must not be driven
from LOW to HIGH until all applicable input and
feedback setup times are met.
Parameter
Symbol
Parameter Description
Min
Max
Unit
tPR
Power-Up Reset Time
1000
ns
tS
Input or Feedback Setup Time
tWL
Clock Width LOW
See Switching
Characteristics
16491D-16
tPR
tWL
tS
4 V
VCC
Power
Registered
Output
Clock
Power-Up Reset Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com