Electronic Components Datasheet Search
  English  ▼

X  

AME1086 Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME1086
Description  1.5A Low Dropout Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1086 Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME1086 Datasheet HTML 6Page - Analog Microelectronics AME1086 Datasheet HTML 7Page - Analog Microelectronics AME1086 Datasheet HTML 8Page - Analog Microelectronics AME1086 Datasheet HTML 9Page - Analog Microelectronics AME1086 Datasheet HTML 10Page - Analog Microelectronics AME1086 Datasheet HTML 11Page - Analog Microelectronics AME1086 Datasheet HTML 12Page - Analog Microelectronics AME1086 Datasheet HTML 13Page - Analog Microelectronics AME1086 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AME, Inc.
12
AME1086
1.5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Package Dimension
TO-220
TO-263-3 (D2PAK)
MIN
MAX
MIN
MAX
A
4.06
4.83
0.160
0.190
b
0.63
1.02
0.025
0.040
C1
0.35
0.60
0.0138
0.0236
D
14.22
14.99
0.056
0.590
E
9.66
10.54
0.385
0.415
e
-
2.79
-
0.110
e1
4.83
5.33
0.190
0.210
e3
1.14
1.40
0.045
0.055
f
1.14
1.40
0.045
0.055
H1
5.94
6.55
0.234
0.258
K
2.29
2.92
0.090
0.115
CP
3.71
3.96
0.146
0.156
Q
2.62
2.87
0.103
0.113
L
12.70
14.27
0.500
0.5618
a
3D7D
3D7D
b1
1.14
1.52
0.0449
0.06
R
Notes :
1. Dimension C1 apply for tin plate finish.
2. For solder dip lead finish dimension C1 should be
0.015"-0.027" (0.38-0.69)
6.17 REF.
0.243 REF.
SYMBOLS
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
9.65
10.41
0.380
0.410
B
8.28
9.65
0.326
0.380
C
4.06
4.83
0.160
0.190
D
0.51
1.02
0.020
0.040
E
1.14
1.40
0.045
0.055
G
H
14.61
15.88
0.575
0.625
K
1.02
1.68
0.040
0.066
L
0.00
0.97
0.000
0.038
M
2.49
2.74
0.098
0.108
N
0.43
0.58
0.017
0.023
P
2.29
2.79
0.090
0.110
R
0
o
8
?
0
o
8
?
S
2.41
2.67
0.095
0.105
W
0.254
0.508
0.010
0.020
*
: Typical value
NOTES :
1. CONTROLLING DIMENSION : MILLIMETERS.
2MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS
MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIA.
*
2.54
*
0.100
SYMBOLS
MILLIMETERS
INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com