Electronic Components Datasheet Search
  English  ▼

X  

AME1086 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME1086
Description  1.5A Low Dropout Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1086 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME1086 Datasheet HTML 1Page - Analog Microelectronics AME1086 Datasheet HTML 2Page - Analog Microelectronics AME1086 Datasheet HTML 3Page - Analog Microelectronics AME1086 Datasheet HTML 4Page - Analog Microelectronics AME1086 Datasheet HTML 5Page - Analog Microelectronics AME1086 Datasheet HTML 6Page - Analog Microelectronics AME1086 Datasheet HTML 7Page - Analog Microelectronics AME1086 Datasheet HTML 8Page - Analog Microelectronics AME1086 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AME, Inc.
2
AME1086
1.5A Low Dropout
Positive Voltage Regulator
TO-252-2 Front view
23
ADJ/
GND
V
OUT
V
IN
n
n
n
n
n Pin Configuration
AME1086
1
To-252-2 Front View
1
2
3
AME 1086
ADJ/GND V OUT
V
IN
To-263 Front View
1
2
3
AME 1086
ADJ/GND V
OUT
V
IN
1
2
3
AME 1086
ADJ/GND V OUT
V
IN
To-263-2 Front View
V
IN
ADJ/GND
V
OUT
AME1086
To-220 Front View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com