Electronic Components Datasheet Search
  English  ▼

X  

GSA8821 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GSA8821
Description  I-Bar Penta-band GSM Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSA8821 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GSA8821 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 3Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 4Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 5Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 6Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 7Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© All Rights Reserved
Taoglas Limited, Unit 7 Peare Campus, Moyne Business Park, Enniscorthy, Co. Wexford, Ireland
info@taoglas.com
+353 53 9169500
www.taoglas.com
1.0 Introduction
The GSA.8821 I-Bar Penta-band GSM Antenna is flexible and robust. Its slim-line design allows for covert and
convenient installation in automotive vehicles, its omni-directional gain across all bands ensures constant reception
and transmission. It is a high gain, high efficiency solution which complies with AT&T standards for high efficiency
antennas. Cables and connectors are fully customizable. It comes with strong 3M double-sided adhesive for a
permanent and secure fix to your vehicle interior.
2.0 Antenna Specifications
Communication
System
Penta-band Cellular
AMPS
GSM
DCS
PCS
UMTS
Frequency (MHz)
824 ~ 896
880~960 1710~1880 1850~1990 1710~2170
Average Efficiency
47%
67%
59%
54%
57%
Average Gain (dBi)
2.1
3.9
4.1
3.2
3.2
Impedance
50 Ohm
Radiation Pattern
Omni-directional
Polarization
Linear (Vertical)
Input Power
10 watts
Input Connection
Coaxial Cable - RG174 Standard, Fully customizable
VSWR
< 2.0 : 1
Dimensions (mm)
106.7 x 14.7 x 5.3mm
Weight
40g
Casing
UV Resistant TPE
Waterproofing
Sealing Film
Waterproof
IP-65
Temperature Range
-40°C to +85°C
Thermal Shock
100 cycles -40°C to +80°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
Cable Pull
8
KGf



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com