Electronic Components Datasheet Search
  English  ▼

X  

GSA8821 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GSA8821
Description  I-Bar Penta-band GSM Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSA8821 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GSA8821 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 3Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 4Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 5Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 6Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 7Page - List of Unclassifed Manufacturers GSA8821 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© All Rights Reserved
Taoglas Limited, Unit 7 Peare Campus, Moyne Business Park, Enniscorthy, Co. Wexford, Ireland
info@taoglas.com
+353 53 9169500
www.taoglas.com
SPECIFICATION
Part No.
:
GSA.8821
Product Name
:
I-Bar Penta-band GSM Antenna
Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
Features
:
Low profile for easy installation
Fully customized cable and connector
RoHS Compliant
Photo
:
REVISION STATUS
Version
Date
Page
Revision Description
Prepared
Approved
01
Mar 4
th 2007
All
New product
TW Product Centre
Zita Lin
02
Jun 6th 2008
All
Return Loss added
New Format
TW Product Centre
Zita Lin
Top View
Side View


Similar Part No. - GSA8821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GSA8821B301111 ETC2-GSA8821B301111 Datasheet
410Kb / 18P
I-Bar Penta-band Cellular Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
logo
Taoglas antenna solutio...
GSA8821B301111 TAOGLAS-GSA8821B301111 Datasheet
876Kb / 15P
I-Bar Penta-Band Cellular Antenna
logo
List of Unclassifed Man...
GSA8821B301721 ETC2-GSA8821B301721 Datasheet
491Kb / 10P
I-Bar Penta-band GSM Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
More results

Similar Description - GSA8821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GSA8821B301111 ETC2-GSA8821B301111 Datasheet
410Kb / 18P
I-Bar Penta-band Cellular Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
GSA8821B301721 ETC2-GSA8821B301721 Datasheet
491Kb / 10P
I-Bar Penta-band GSM Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
GSA8825051M11 ETC2-GSA8825051M11 Datasheet
450Kb / 7P
I-Wand Penta-Band GSM Antenna Works with AMPS 850MHz/GSM 900/DCS 1800MHz/PCS 1900MHz/UMTS 3G
GSA8825051N11 ETC2-GSA8825051N11 Datasheet
427Kb / 7P
I-Wand Penta-Band GSM Antenna Works with AMPS 850MHz/GSM 900/DCS 1800MHz/PCS 1900MHz/UMTS 3G
logo
Taoglas antenna solutio...
FW92RNTM TAOGLAS-FW92RNTM Datasheet
703Kb / 13P
Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
FW.92.RNT.M TAOGLAS-FW.92.RNT.M_17 Datasheet
835Kb / 13P
Penta-band cellular 2G/3G GSM/CDMA/UMTS
FW.91.TNC.M TAOGLAS-FW.91.TNC.M_17 Datasheet
826Kb / 13P
Penta-band cellular 2G/3G GSM/CDMA/UMTS
TG.22.0221 TAOGLAS-TG.22.0221_16 Datasheet
1Mb / 11P
Works with GSM/GPRS/CDMA/HSPA/UMTS/EDGE
TG.22.0112.HT TAOGLAS-TG.22.0112.HT_13 Datasheet
412Kb / 7P
Penta-Band Cellular Connector Mount Monopole Helical GSM-DCS-PCS-UMTS-CDMA-GPRS-EDGE-HSPA UMTS-CDMA-GPRS-EDGE-HSPA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com