Electronic Components Datasheet Search
  English  ▼

X  

ILA01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ILA01
Description  Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ILA01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ILA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-12-8-079/B/RC
Page 2 of 12
1. INTRODUCTION
The ILA.01 has excellent stability and sensitivity to consistently provide high signal reception
efficiency, 60% at centre frequency and 45% at the edges. Based on the loop effect this antenna
works the best when placed on the centre of the edge of the board, working better than
traditional linear polarized chip antennas. The antenna at 10x3.2x0.5 mm is low profile and
would be suitable for devices with space constraints. The ILA.01 is delivered on tape and reel
and now allows M2M customers to use an Omni-directional SMT antenna in devices where
orientation of the product is unknown. The ILA.01 Loop antenna can be used in automated
meter reading, (AMR), radio frequency identification (RFID), remote monitoring, healthcare,
sensing and others.
2. SPECIFICATION
ELECTRICAL
ANTENNA
ILA.01
STANDARD
915 MHz ISM
Operation Frequency (MHz)
902-928 MHz
Polarization
Linear
Impedance
50 Ohms
Max VSWR (dBi)
2:1
Max Return Loss (dB)
-10
Peak Gain
1 dBi
Efficiency (%)
50
Average Gain (dB)
-3
Radiation Properties
Omni-directional
Max Input Power
5 W
* The ILA.01 antenna performance was measured with 80x40 mm ground plane.
MECHANICAL
Dimensions (mm)
10x3.2x0.5
Required Space (mm)
11x10.4
Material
Ceramic
EVB Connector
SMA-Female



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com