Electronic Components Datasheet Search
  English  ▼

X  

ILA01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ILA01
Description  Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ILA01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ILA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 11Page - List of Unclassifed Manufacturers ILA01 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPE-12-8-079/B/RC
Page 10 of 12
6.3. Matching circuit
The initial matching circuit is LC1= 8.0 pF, LC2= 0Ω and LC3=open circuit. Unless the matching
circuit might change depending on ground plane size-shape, PCB, enclosure-material proximity
and others. We recommend contacting taoglas for tuning services.
Figure 11. Recommended matching circuit
6.4. Recommendations
Route the Co-Planar Waveguide (CPW) with curvy turns.
Allocate the antenna on the longest side of the board.
Center the antenna at the edge of the board.
The antenna must be at the limit of the ground plane on the selected edge.
Keep the “L” distance maximum 3 times the width of the CPW signal track, from the edge
of the CPW ground to the keep out area of the antenna.
Keep the matching circuit close to the antenna.
Keep the “W” distance as the width of that GND pad.
Keep the antenna 1 mm away from the enclosure.
The CPW dimensions will change depending on PCB.
Keep low profile components such as lumped, IC, etc, min 2 mm away from the edge of
the keep out area or antenna, at top and bottom layers.
Keep high profile components such as batteries, connectors, etc, 5 mm away from the
edge of the keep out area or antenna, at top and bottom layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com