Electronic Components Datasheet Search
  English  ▼

X  

AME1086ACCS Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME1086ACCS
Description  1.5A Low Dropout Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1086ACCS Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME1086ACCS Datasheet HTML 3Page - Analog Microelectronics AME1086ACCS Datasheet HTML 4Page - Analog Microelectronics AME1086ACCS Datasheet HTML 5Page - Analog Microelectronics AME1086ACCS Datasheet HTML 6Page - Analog Microelectronics AME1086ACCS Datasheet HTML 7Page - Analog Microelectronics AME1086ACCS Datasheet HTML 8Page - Analog Microelectronics AME1086ACCS Datasheet HTML 9Page - Analog Microelectronics AME1086ACCS Datasheet HTML 10Page - Analog Microelectronics AME1086ACCS Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
7
AME1086
1.5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Advanced Applications
* VO = VREF ( 1 +
) + IADJ x R2
** Optional for improved ripple rejection
R2
R1
Figure 5 Adjustable output voltage
* 20m
Ω is ballast resistance
The inter - connection of #18 wire could act as ballast resistance
Figure 6 Paralleling Regulators
V
IN = 5V
R1
R2
10
µF
10
µF
2K
1K
10
µF
**
* V
O = 1.5 - 3.45V
AME1086
V
OUT
V
IN
ADJ
V
IN
R1
R2
10
µF
V
O
10
µF
I
O = 0 to 3A
* 20m
Ω
* 20m
Ω
AME1086
V
OUT
V
IN
GND
AME1086
V
OUT
V
IN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com