Electronic Components Datasheet Search
  English  ▼

X  

AME1086ACCS Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME1086ACCS
Description  1.5A Low Dropout Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1086ACCS Datasheet(HTML) 1 Page - Analog Microelectronics

  AME1086ACCS Datasheet HTML 1Page - Analog Microelectronics AME1086ACCS Datasheet HTML 2Page - Analog Microelectronics AME1086ACCS Datasheet HTML 3Page - Analog Microelectronics AME1086ACCS Datasheet HTML 4Page - Analog Microelectronics AME1086ACCS Datasheet HTML 5Page - Analog Microelectronics AME1086ACCS Datasheet HTML 6Page - Analog Microelectronics AME1086ACCS Datasheet HTML 7Page - Analog Microelectronics AME1086ACCS Datasheet HTML 8Page - Analog Microelectronics AME1086ACCS Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME, Inc.
1
AME1086
1.5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Applications
l
l
l
l
l High Efficiency Linear Regulators
l
l
l
l
l Post Regulators for Switching Supplies
l
l
l
l
l 5V to 3.3V Voltage Converter
l
l
l
l
l Battery Charger
n
n
n
n
n Functional Block Diagram
Thermal
Protection
Bandgap
Reference
Current
Limiting
Amplifier
Input
Output
ADJ/GND
Error
Amp.
n
n
n
n
n General Description
The AME1086 is a 1.5A low-dropout positive voltage regu-
lator. It is available in fixed and adjustable output voltage
versions. Overcurrent and thermal protection are inte-
grated onto the chip. Output current will limit as it reaches
the pre-set current or temperature limit. At full rated
output current the dropout voltage is 1.4V (max.).
AME1086 series regulators provide excellent regulation
over line, load and temperature variations.
n
n
n
n
n Key Features
l Low dropout voltage 1.2V typically at 1.5A
l
l
l
l
l Adjustable or 3.3V fixed voltage
l
l
l
l
l Line regulation typically 0.015%
l
l
l
l
l Load regulation typically 0.05%
l
l
l
l
l Adjust pin (ADJ) current less than 90
µA
l
l
l
l
l Overcurrent protection
l
l
l
l
l Thermal protection
l
l
l
l
l Available in TO-220, TO-263, TO-252
Figure 1
n
n
n
n
n Typical Application
Figure 2
AME1086
Load
10
µF Tan
10
µF Tan
4.75V to 5.25V
V
IN
GND
V
OUT


Similar Part No. - AME1086ACCS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACBT AME-AME1084ACBT Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACCS AME-AME1084ACCS Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACDT AME-AME1084ACDT Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
AME1084ACDT-3 AME-AME1084ACDT-3 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1086ACCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
1.5A Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
1.5A Dual Input Low Dropout Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
1.5A Ultra Low Dropout Positive Voltage Regulator
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com