Electronic Components Datasheet Search
  English  ▼

X  

MA203 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MA203
Description  Stingray 2G/3G & GPS 2in1 combination antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA203 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MA203 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA203 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA203 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APN-13-8-004/A
Page 2 of 3
1. Introduction
This document details the best practice for installing the MA.203 Stingray inside a vehicle, to
preserve antenna efficiency and gain, and to reduce interference from nearby electronic
noise.
2. Antenna Placement and Cable Routing
Antennas should always be placed as far away as possible from metal and any active
electronics in the vehicle, e.g. the car’s radio system.
20cm (7.87”) is the ideal clearance and 2cm (0.78”) should be the minimum. If the antenna
is placed directly on metal, the signal cannot get through the metal to the antenna.
The RF environment of each automotive vehicle model is different so a suitable installation
point should be identified for each model of car separately. Measuring receive signal strength
(RSSI) for cellular and TTFF (Time to First Fix - Cold Start) for GPS are the most practical and
quick testing methods for installers. The device manufacturer can provide this test procedure
information.
There is a sticker on each antenna
"THIS SIDE FACES THE SKY"
showing the ideal orientation of the antenna.
The antenna should not be placed with the internal patch antenna (3M tape side) facing
downwards as it will not have a clear view of GPS satellites in the sky. The best positions are
generally facing skyward with only plastic or glass in the way. If the view above the antenna
is blocked by metal or active electronics then it may be best to place the antenna
perpendicular to the sky so it still has a direct view to some satellites. Actual best
performance can only be confirmed from testing in that location.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com