Electronic Components Datasheet Search
  English  ▼

X  

MA203 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MA203
Description  Stingray 2G/3G & GPS 2in1 combination antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA203 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MA203 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA203 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA203 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APN-13-8-004/A
Page 3 of 3
The antenna cables should be allowed to run their full length and not be coiled up as this can
cause interference and cross talk. This would include not folding unused cable back on top of
itself. The cables should also avoid any active electronics and not be run directly over any
such systems. The two cables of the antenna should not be wrapped tightly with tape along
their length, so as to prevent cross-interference, it is suggested they can be tied with nylon
straps every 20cm (7.87”).
The MA203 is IP65 so should be placed internally to the vehicle and not placed in an area
where there can be significant water ingress. (there is a fully IP67 version available called
MA203w).
The cellular antenna is tuned for mounting to plastic and glass. The antenna cannot be placed
on metal directly.
Taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to
make changes to specifications and product descriptions at any time without notice.
Taoglas reserves all rights to this document and the information contained herein. Reproduction, use or disclosure to third
parties without express permission is strictly prohibited. Copyright © 2013, Taoglas Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com