Electronic Components Datasheet Search
  English  ▼

X  

2STBN15D100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STBN15D100
Description  Low voltage NPN power Darlington transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STBN15D100 Datasheet(HTML) 1 Page - STMicroelectronics

  2STBN15D100 Datasheet HTML 1Page - STMicroelectronics 2STBN15D100 Datasheet HTML 2Page - STMicroelectronics 2STBN15D100 Datasheet HTML 3Page - STMicroelectronics 2STBN15D100 Datasheet HTML 4Page - STMicroelectronics 2STBN15D100 Datasheet HTML 5Page - STMicroelectronics 2STBN15D100 Datasheet HTML 6Page - STMicroelectronics 2STBN15D100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 2010
Doc ID 16117 Rev 2
1/7
7
2STBN15D100
Low voltage NPN power Darlington transistor
Features
■ Good hFE linearity
■ High fT frequency
■ Monolithic Darlington configuration with
integrated antiparallel collector-emitter diode
Application
■ Linear and switching industrial equipment
Description
The device is manufactured in planar technology
with “base island” layout and monolithic
Darlington configuration.
Figure 1.
Internal schematic diagrams
1
3
D²PAK
TAB
R1 = 8 kΩ
R2 = 150 Ω
Table 1.
Device summary
Order code
Marking
Package
Packaging
2STBN15D100T4
BN15D100
D²PAK
Tape and reel
www.st.com


Similar Part No. - 2STBN15D100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2STBN15D100 ISC-2STBN15D100 Datasheet
323Kb / 2P
Silicon NPN Power Darlington Transistor
More results

Similar Description - 2STBN15D100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122_07 Datasheet
232Kb / 9P
Low voltage power Darlington transistor
03-Oct-2007
BDW83C STMICROELECTRONICS-BDW83C_07 Datasheet
115Kb / 8P
NPN power Darlington transistor
16-Nov-2007
logo
Seme LAB
PMD18D100 SEME-LAB-PMD18D100 Datasheet
21Kb / 2P
NPN DARLINGTON POWER TRANSISTOR
PMD18K100 SEME-LAB-PMD18K100 Datasheet
21Kb / 2P
NPN DARLINGTON POWER TRANSISTOR
logo
STMicroelectronics
2STP535FP STMICROELECTRONICS-2STP535FP Datasheet
169Kb / 8P
NPN power Darlington transistor
17-Aug-2009
logo
ON Semiconductor
NJVNJD35N04G ONSEMI-NJVNJD35N04G Datasheet
128Kb / 4P
NPN Darlington Power Transistor
February, 2012 ??Rev. 5
logo
New Jersey Semi-Conduct...
BDX69 NJSEMI-BDX69 Datasheet
75Kb / 2P
NPN DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
BU806 ONSEMI-BU806 Datasheet
48Kb / 4P
NPN Darlington Power Transistor
March, 2001 ??Rev. 3
logo
Micro Commercial Compon...
2N6388 MCC-2N6388_13 Datasheet
623Kb / 4P
NPN Darlington Power Transistor
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com