Electronic Components Datasheet Search
  English  ▼

X  

2STBN15D100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2STBN15D100
Description  Low voltage NPN power Darlington transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STBN15D100 Datasheet(HTML) 5 Page - STMicroelectronics

  2STBN15D100 Datasheet HTML 1Page - STMicroelectronics 2STBN15D100 Datasheet HTML 2Page - STMicroelectronics 2STBN15D100 Datasheet HTML 3Page - STMicroelectronics 2STBN15D100 Datasheet HTML 4Page - STMicroelectronics 2STBN15D100 Datasheet HTML 5Page - STMicroelectronics 2STBN15D100 Datasheet HTML 6Page - STMicroelectronics 2STBN15D100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2STBN15D100
Package mechanical data
Doc ID 16117 Rev 2
5/7
D²PAK (TO-263) mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
A1
0.03
0.23
0.001
0.009
b
0.70
0.93
0.027
0.037
b2
1.14
1.70
0.045
0.067
c
0.45
0.60
0.017
0.024
c2
1.23
1.360.048
0.053
D
8.95
9.350.352
0.368
D1
7.50
0.295
E
10
10.40
0.394
0.409
E1
8.50
0.334
e
2.54
0.1
e1
4.88
5.28
0.192
0.208
H15
15.85
0.590
0.624
J1
2.49
2.69
0.099
0.106
L
2.29
2.79
0.090
0.110
L1
1.27
1.40
0.05
0.055
L2
1.30
1.75
0.051
0.069
R
0.4
0.016
V2
0°
8°0°
8°
0079457_M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com