Electronic Components Datasheet Search
  English  ▼

X  

AME8801 Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME8801
Description  300mA CMOS LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8801 Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME8801 Datasheet HTML 6Page - Analog Microelectronics AME8801 Datasheet HTML 7Page - Analog Microelectronics AME8801 Datasheet HTML 8Page - Analog Microelectronics AME8801 Datasheet HTML 9Page - Analog Microelectronics AME8801 Datasheet HTML 10Page - Analog Microelectronics AME8801 Datasheet HTML 11Page - Analog Microelectronics AME8801 Datasheet HTML 12Page - Analog Microelectronics AME8801 Datasheet HTML 13Page - Analog Microelectronics AME8801 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Analog Microelectronics, Inc.
12
300mA CMOS LDO
AME8801/8812/8840
Quiescent Current vs.Temp.
27
28
29
30
31
32
33
34
35
-45
-5
25
55
85
Temperature (
0C)
Load Regulation vs. Temp.
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
-45
-5
255585
Temperature (
0C)
Shut Down Current vs. Temp.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-45
-5
25
55
85
Temperature (
0C)
Dropout Voltage vs. Temp.
150
160
170
180
190
200
210
220
-45
-5
25
55
85
Temperature (
0C)
V
OUT =3V
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-45
-5
25
55
85
Temperature (
0C)
EN Pin LO Bias Current vs. Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com