Electronic Components Datasheet Search
  English  ▼

X  

AME8801 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AME8801
Description  300mA CMOS LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8801 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AME8801 Datasheet HTML 6Page - Analog Microelectronics AME8801 Datasheet HTML 7Page - Analog Microelectronics AME8801 Datasheet HTML 8Page - Analog Microelectronics AME8801 Datasheet HTML 9Page - Analog Microelectronics AME8801 Datasheet HTML 10Page - Analog Microelectronics AME8801 Datasheet HTML 11Page - Analog Microelectronics AME8801 Datasheet HTML 12Page - Analog Microelectronics AME8801 Datasheet HTML 13Page - Analog Microelectronics AME8801 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Analog Microelectronics, Inc.
13
AME8801/8812/8840
300mA CMOS LDO
n
n
n
n
n Package Dimension
SOT-25
SOT-26
MIN
MAX
MIN
MAX
A
1.00
1.45
0.0394
0.0571
A1
0.00
0.15
0.0000
0.0591
A2
0.70
1.25
0.0276
0.0492
b
0.35
0.55
0.0138
0.0217
C
0.08
0.25
0.0031
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.60
3.00
0.1024
0.1181
L
0.30
-
0.0118
-
θ1
θ1
θ1
θ1
0
°
10
°
0
°
10
°
S1
0.85
1.05
0.0335
0.0413
1.90 BSC
0.07480 BSC
SYMBOLS
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
1.00
1.40
0.0394
0.0551
A1
0.00
0.15
0.0000
0.0591
A2
0.70
1.25
0.0276
0.0492
b
0.35
0.50
0.0138
0.0197
C
0.08
0.25
0.0031
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.60
3.00
0.1024
0.1181
L
0.35
-
0.0138
-
θθθθ1
0
°
9
°
0
°
9
°
S1
0.85
1.05
0.0335
0.0413
1.90 BSC
0.0748 BSC
SYMBOLS
MILLIMETERS
INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com