Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TCR2EE
Description  200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TCR2EE Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE Datasheet HTML 9Page - Toshiba Semiconductor TCR2EE Datasheet HTML 10Page - Toshiba Semiconductor TCR2EE Datasheet HTML 11Page - Toshiba Semiconductor TCR2EE Datasheet HTML 12Page - Toshiba Semiconductor TCR2EE Datasheet HTML 13Page - Toshiba Semiconductor TCR2EE Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TCR2EF series, TCR2EE series
2012-12-11
10
6) Quiescent Current vs. Ambient Temperature
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.0V
VIN = 2.2 V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
VIN = 2.8V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
VIN = 3.5 V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
VIN = 4.0V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
VOUT=2.5V
VOUT=3.0V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
Input voltage VIN (V)
Input voltage VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com