Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR2EE
Description  200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR2EE Datasheet HTML 1Page - Toshiba Semiconductor TCR2EE Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCR2EF series, TCR2EE series
2012-12-11
3
List of Products Number, Output voltage and Marking
Product No.
Product No.
SMV(SOT-25)
ESV(SOT-553)
VOUT
(V)(typ.)
Marking
SMV(SOT-25)
ESV(SOT-553)
VOUT
(V)(typ.)
Marking
TCR2EF10
TCR2EE10
1.0
1N0
TCR2EF24*
TCR2EE24*
2.4
2N4
TCR2EF105*
TCR2EE105*
1.05
1NA
TCR2EF25
TCR2EE25
2.5
2N5
TCR2EF11
TCR2EE11
1.1
1N1
TCR2EF26*
TCR2EE26*
2.6
2N6
TCR2EF115*
TCR2EE115
1.15
1NB
TCR2EF27*
TCR2EE27*
2.7
2N7
TCR2EF12
TCR2EE12
1.2
1N2
TCR2EF28
TCR2EE28
2.8
2N8
TCR2EF125*
TCR2EE125*
1.25
1NC
TCR2EF285*
TCR2EE285*
2.85
2ND
TCR2EF13
TCR2EE13
1.3
1N3
TCR2EF29*
TCR2EE29*
2.9
2N9
TCR2EF135*
TCR2EE135
1.35
1ND
TCR2EF295*
TCR2EE295*
2.95
2NE
TCR2EF14*
TCR2EE14*
1.4
1N4
TCR2EF30
TCR2EE30
3.0
3N0
TCR2EF15
TCR2EE15
1.5
1N5
TCR2EF31
TCR2EE31*
3.1
3N1
TCR2EF16*
TCR2EE16*
1.6
1N6
TCR2EF32*
TCR2EE32*
3.2
3N2
TCR2EF17*
TCR2EE17*
1.7
1N7
TCR2EF33
TCR2EE33
3.3
3N3
TCR2EF18
TCR2EE18
1.8
1N8
TCR2EF34*
TCR2EE34*
3.4
3N4
TCR2EF19*
TCR2EE19*
1.9
1N9
TCR2EF35*
TCR2EE35*
3.5
3N5
TCR2EF20*
TCR2EE20*
2.0
2N0
TCR2EF36*
TCR2EE36*
3.6
3N6
TCR2EF21*
TCR2EE21*
2.1
2N1
TCR2EF41
TCR2EE41*
4.1
4N1
TCR2EF22*
TCR2EE22*
2.2
2N2
TCR2EF45
TCR2EE45
4.5
4N5
TCR2EF23*
TCR2EE23*
2.3
2N3
TCR2EF50
TCR2EE50
5.0
5N0
Please contact your local Toshiba representative if you are interested in products with * sign
Marking (top view)
Example: TCR2EF33 (3.3 V output)
Example: TCR2EE33 (3.3 V output)
3 N 3
3 N 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com