Electronic Components Datasheet Search
  English  ▼

X  

CD00222640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CD00222640
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00222640 Datasheet(HTML) 1 Page - STMicroelectronics

  CD00222640 Datasheet HTML 1Page - STMicroelectronics CD00222640 Datasheet HTML 2Page - STMicroelectronics CD00222640 Datasheet HTML 3Page - STMicroelectronics CD00222640 Datasheet HTML 4Page - STMicroelectronics CD00222640 Datasheet HTML 5Page - STMicroelectronics CD00222640 Datasheet HTML 6Page - STMicroelectronics CD00222640 Datasheet HTML 7Page - STMicroelectronics CD00222640 Datasheet HTML 8Page - STMicroelectronics CD00222640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2009
Doc ID 15317 Rev 3
1/18
18
STx42N65M5
N-channel 650 V, 0.070
Ω, 33 A MDmesh™ V Power MOSFET
in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
Features
■ TO-220 worldwide best RDS(on)
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
■ Switching applications
Description
MDmesh™ V is a revolutionary Power MOSFET
technology based on an innovative proprietary
vertical process, which is combined with
STMicroelectronics’ well-known PowerMESH™
horizontal layout structure. The resulting product
has extremely low on-resistance, which is
unmatched among silicon-based Power
MOSFETs, making it especially suitable for
applications which require superior power density
and outstanding efficiencies.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJmax
RDS(on)
max
ID
STB42N65M5
STF42N65M5
STI42N65M5
STP42N65M5
STW42N65M5
710 V
710 V
710 V
710 V
710 V
< 0.079
Ω
< 0.079
Ω
< 0.079
Ω
< 0.079
Ω
< 0.079
Ω
33 A
33 A (1)
33 A
33 A
33 A
1.
Limited only by maximum temperature allowed
1
2
3
1
2
3
1
3
TO-220FP
D²PAK
TO-220
1
2
3
TO-247
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB42N65M5
STF42N65M5
STI42N65M5
STP42N65M5
STW42N65M5
42N65M5
42N65M5
42N65M5
42N65M5
42N65M5
D²PAK
TO-220FP
I²PAK
TO-220
TO-247
Tape and reel
Tube
Tube
Tube
Tube
www.st.com


Similar Part No. - CD00222640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
CD00237391 STMICROELECTRONICS-CD00237391 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
20-Oct-2010
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
More results

Similar Description - CD00222640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
20-Jan-2009
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
03-Feb-2011
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
05-May-2011
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
N-channel 650 V, 0.070 Ω, 34 A MDmesh™ V Power MOSFET in PowerFLAT™ 8x8 HV package
April 2012 Rev 2
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com