Electronic Components Datasheet Search
  English  ▼

X  

TAS5717 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5717 Datasheet HTML 2Page - Texas Instruments TAS5717 Datasheet HTML 3Page - Texas Instruments TAS5717 Datasheet HTML 4Page - Texas Instruments TAS5717 Datasheet HTML 5Page - Texas Instruments TAS5717 Datasheet HTML 6Page - Texas Instruments TAS5717 Datasheet HTML 7Page - Texas Instruments TAS5717 Datasheet HTML 8Page - Texas Instruments TAS5717 Datasheet HTML 9Page - Texas Instruments TAS5717 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
TAS5717
TAS5719
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
GVDD_OUT
34
P
Gate drive internal regulator output
HPL_IN
1
AI
Headphone left IN (single-ended, analog IN)
HPL_OUT
2
AO
Headphone left OUT (single-ended, analog OUT)
HP_PWML
48
DO
PWM left-channel headphone out
HP_PWMR
47
DO
PWM right-channel headphone out
HPR_IN
4
AI
Headphone right IN (single-ended, analog IN)
HPR_OUT
3
AO
Headphone right OUT (single-ended, analog OUT)
HP_SD
33
AI
Headphone shutdown (active-low)
HPVDD
8
P
Headphone supply
HPVSS
5
P
Headphone ground
LRCLK
20
DI
5-V
Pulldown
Input serial audio data left/right clock (sample rate clock)
MCLK
15
DI
5-V
Pulldown
Master clock input
OSC_RES
16
AO
Oscillator trim resistor. Connect an 18-k
Ω 1% resistor to DVSSO.
OUT_A
44
O
Output, half-bridge A
OUT_B
42
O
Output, half-bridge B
OUT_C
39
O
Output, half-bridge C
OUT_D
37
O
Output, half-bridge D
PDN
19
DI
5-V
Pullup
Power down, active-low. PDN prepares the device for loss of power
supplies by shutting down the noise shaper and initiating the PWM
stop sequence.
PGND_AB
43
P
Power ground for half-bridges A and B
PGND_CD
38
P
Power ground for half-bridges C and D
PLL_FLTM
10
AO
PLL negative loop-filter terminal
PLL_FLTP
11
AO
PLL positive loop-filter terminal
PVDD_AB
46
P
Power-supply input for half-bridge output A
PVDD_CD
35
P
Power-supply input for half-bridge output C
RESET
25
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic low
to this pin. RESET is an asynchronous control signal that restores the
DAP to its default conditions, and places the PWM in the hard-mute
(high-impedance) state.
SCL
24
DI
5-V
I2C serial control clock input
SCLK
21
DI
5-V
Pulldown
Serial audio data clock (shift clock). SCLK is the serial audio port input
data bit clock.
SDA
23
DIO
5-V
I2C serial control data interface input/output
SDIN
22
DI
5-V
Pulldown
Serial audio data input. SDIN supports three discrete (stereo) data
formats.
SSTIMER
32
AI
Controls ramp time of OUT_X to minimize pop. Leave this pin floating
for BD mode. Requires capacitor of 2.2 nF to GND in AD mode. The
capacitor determines the ramp time.
STEST
26
DI
Factory test pin. Connect directly to DVSS.
VR_ANA
12
P
Internally regulated 1.8-V analog supply voltage. This pin must not be
used to power external devices.
VR_DIG
18
P
Internally regulated 1.8-V digital supply voltage. This pin must not be
used to power external devices.
VREG
31
P
Digital regulator output. Not to be used for powering external circuitry.
6
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com