Electronic Components Datasheet Search
  English  ▼

X  

TAS5717 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5717 Datasheet HTML 29Page - Texas Instruments TAS5717 Datasheet HTML 30Page - Texas Instruments TAS5717 Datasheet HTML 31Page - Texas Instruments TAS5717 Datasheet HTML 32Page - Texas Instruments TAS5717 Datasheet HTML 33Page - Texas Instruments TAS5717 Datasheet HTML 34Page - Texas Instruments TAS5717 Datasheet HTML 35Page - Texas Instruments TAS5717 Datasheet HTML 36Page - Texas Instruments TAS5717 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
Table 3. Serial Control Interface Register Summary
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
A u indicates unused bits.
0x00
Clock control register
1
Description shown in subsequent section
0x6C
0x01
Device ID register
1
Description shown in subsequent section
0xC1
0x02
Error status register
1
Description shown in subsequent section
0x00
0x03
System control register 1
1
Description shown in subsequent section
0xA0
0x04
Serial data interface register
1
Description shown in subsequent section
0x05
0x05
System control register 2
1
Description shown in subsequent section
0x40
0x06
Soft mute register
1
Description shown in subsequent section
0x00
0x07
Master volume
2
Description shown in subsequent section
0x03FF (mute)
0x08
Channel 1 vol
2
Description shown in subsequent section
0x00C0 (0 dB)
0x09
Channel 2 vol
2
Description shown in subsequent section
0x00C0 (0 dB)
0x0A
Channel 3 vol
2
Description shown in subsequent section
0x00C0 (0 dB)
0x0B
–0x0D
1
Reserved(1)
0x0E
Volume configuration register
1
Description shown in subsequent section
0xF0
0x0F
1
Reserved(1)
0x10
Modulation limit register
1
Description shown in subsequent section
0x01
0x11
IC delay channel 1
1
Description shown in subsequent section
0xAC
0x12
IC delay channel 2
1
Description shown in subsequent section
0x54
0x13
IC delay channel 3
1
Description shown in subsequent section
0xAC
0x14
IC delay channel 4
1
Description shown in subsequent section
0x54
0x15
–0x19
1
Reserved(1)
0x1A
Start/stop period register
1
0x68
0x1B
Oscillator trim register
1
0x82
0x1C
BKND_ERR register
1
0x57
0x1D
–0x1F
1
Reserved(1)
0x20
Input MUX register
4
Description shown in subsequent section
0x0001 7772
0x21
Ch 4 source select register
4
Description shown in subsequent section
0x0000 4303
0x22
–0x24
4
Reserved(1)
0x25
PWM MUX register
4
Description shown in subsequent section
0x0102 1345
0x26
ch1_bq[0]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x27
ch1_bq[1]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x28
ch1_bq[2]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
(1)
Reserved registers should not be accessed.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com