Electronic Components Datasheet Search
  English  ▼

X  

TL026C Datasheet(PDF) 4 Page - Texas Instruments

Part # TL026C
Description  DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL026C Datasheet(HTML) 4 Page - Texas Instruments

  TL026C Datasheet HTML 1Page - Texas Instruments TL026C Datasheet HTML 2Page - Texas Instruments TL026C Datasheet HTML 3Page - Texas Instruments TL026C Datasheet HTML 4Page - Texas Instruments TL026C Datasheet HTML 5Page - Texas Instruments TL026C Datasheet HTML 6Page - Texas Instruments TL026C Datasheet HTML 7Page - Texas Instruments TL026C Datasheet HTML 8Page - Texas Instruments TL026C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TL026C
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
SLFS007A – JUNE 1985 – REVISED JULY 1990
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
– 200
– 100
0
100
200
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
DIFFERENTIAL GAIN-CONTROL VOLTAGE
VAGC – Vref – Differential Gain-Control Voltage – mV
100
90
80
70
60
50
40
30
20
10
0
VCC + = 6 V
VCC – = – 6 V
TA = 0°C
TA = 70°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com