Electronic Components Datasheet Search
  English  ▼

X  

TL026C Datasheet(PDF) 1 Page - Texas Instruments

Part # TL026C
Description  DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL026C Datasheet(HTML) 1 Page - Texas Instruments

  TL026C Datasheet HTML 1Page - Texas Instruments TL026C Datasheet HTML 2Page - Texas Instruments TL026C Datasheet HTML 3Page - Texas Instruments TL026C Datasheet HTML 4Page - Texas Instruments TL026C Datasheet HTML 5Page - Texas Instruments TL026C Datasheet HTML 6Page - Texas Instruments TL026C Datasheet HTML 7Page - Texas Instruments TL026C Datasheet HTML 8Page - Texas Instruments TL026C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TL026C
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
SLFS007A – JUNE 1985 – REVISED JULY 1990
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Common-Mode Sensitivity to
AGC Voltages
D Input and Output Impedances Independent
of AGC Voltage
D Peak Gain . . . 38 dB Typ
D Wide AGC Range . . . 50 dB Typ
D 3-dB Bandwidth . . . 50 MHz
D Other Characteristics Similar to NE592 and
uA733
description
This device is a monolithic two-stage high-
frequency amplifier with differential inputs and
outputs.
Internal feedback provides wide bandwidth, low phase distortion, and excellent gain stability. Variable gain
based on signal summation provides large AGC control over a wide bandwidth with low harmonic distortion.
Emitter-follower outputs enable the device to drive capacitive loads. All stages are current-source biased to
obtain high common-mode and supply-voltage rejection ratios. The gain may be electronically attenuated by
applying a control voltage to the AGC pin. No external compensation components are required.
This device is particularly useful in TV and radio IF and RF AGC circuits, as well as magnetic-tape and disk-file
systems where AGC is needed. Other applications include video and pulse amplifiers where a large AGC range,
wide bandwidth, low phase shift, and excellent gain stability are required.
The TL026C is characterized for operation from 0
°C to 70°C.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC+ (see Note 1)
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC– (see Note 1)
– 8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage
±5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Common-mode input voltage
±6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature range 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to the midpoint of VCC+ and VCC – except differential input and output voltages.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
P
1000 mW
8.0 mW/
°C
640 mW
Copyright
© 1990, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IN–
REF OUT
VCC+
OUT–
1
2
3
4
8
7
6
5
IN+
AGC
VCC
OUT+
D OR P PACKAGE
(TOP VIEW)
symbol
+
–
AGC
IN +
IN –
7
4
5
2
1
8
REF OUT
OUT+
OUT–


Similar Part No. - TL026C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL026C TI-TL026C Datasheet
135Kb / 9P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
TL026CD TI-TL026CD Datasheet
135Kb / 9P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
TL026CD TI1-TL026CD Datasheet
924Kb / 18P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
TL026CD TI2-TL026CD Datasheet
608Kb / 20P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
REVISED JULY 1990
TL026CD.A TI2-TL026CD.A Datasheet
608Kb / 20P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
REVISED JULY 1990
More results

Similar Description - TL026C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL026C TI-TL026C Datasheet
135Kb / 9P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
logo
Sanyo Semicon Device
FH103 SANYO-FH103 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
MOPLL with IF AGC Amplifier
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
AGC Amplifier
logo
Sanyo Semicon Device
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Texas Instruments
TL026CDE4 TI1-TL026CDE4 Datasheet
924Kb / 18P
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com