Electronic Components Datasheet Search
  English  ▼

X  

TL026CDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL026CDR
Description  DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL026CDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL026CDR Datasheet HTML 3Page - Texas Instruments TL026CDR Datasheet HTML 4Page - Texas Instruments TL026CDR Datasheet HTML 5Page - Texas Instruments TL026CDR Datasheet HTML 6Page - Texas Instruments TL026CDR Datasheet HTML 7Page - Texas Instruments TL026CDR Datasheet HTML 8Page - Texas Instruments TL026CDR Datasheet HTML 9Page - Texas Instruments TL026CDR Datasheet HTML 10Page - Texas Instruments TL026CDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TL026C
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
SLFS007A – JUNE 1985 – REVISED JULY 1990
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The circuit values in Figures 6 and 7 will produce the best results in this general application. Because of
rectification and device input constraints, the circuit in Figure 6 will not provide attenuation and has about
32 dB of control range. The circuit shown in Figure 7 will have approximately 25% variation in the peak output
voltage limit due to the variation in gain of the TL592 device to device. In addition, if a lower output voltage is
desired, the output of the TL026C can be used for approximately 40 mV of controlled signal.
considerations for the use of the TL026C
To obtain the most reliable results, RF breadboarding techniques must be used. A groundplane board should
be used and power supplies should be bypassed with 0.1-
µF capacitors. Input leads and output leads should
be as short as possible and separated from each other.
A peak input voltage greater than 200 mV will begin to saturate the input stages of the TL026C and, while the
circuit is in the AGC mode, the output signal may become distorted.
To observe the output signal of TL026C or TL592, low-capacitance FET probes or the output voltage divider
technique shown in Figure 6 should be used.
–
+
+
–
OUT +
OUT –
0.1
µF
0.1
µF
REF
OUT
30 k
Ω
To Scope
Monitor
Vout
200
Ω
1.8 k
Ω
IN –
IN +
50
Ω
AGC
10 k
Ω
10 k
Ω
VAGC
A2
20 k
Ω
50
Ω
VI
+
–
10 k
Ω
A1
12 k
Ω
1N914
D1
0.1
µF
V1
1/2 TL082
1/2 TL082
TL026C
NOTE: VCC + = 6 V and VCC – = – 6 V for TL026C and amplifiers A1 and A2.
Figure 6. Typical Application Circuit With No Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com