Electronic Components Datasheet Search
  English  ▼

X  

TL026CDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL026CDR
Description  DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL026CDR Datasheet(HTML) 3 Page - Texas Instruments

  TL026CDR Datasheet HTML 1Page - Texas Instruments TL026CDR Datasheet HTML 2Page - Texas Instruments TL026CDR Datasheet HTML 3Page - Texas Instruments TL026CDR Datasheet HTML 4Page - Texas Instruments TL026CDR Datasheet HTML 5Page - Texas Instruments TL026CDR Datasheet HTML 6Page - Texas Instruments TL026CDR Datasheet HTML 7Page - Texas Instruments TL026CDR Datasheet HTML 8Page - Texas Instruments TL026CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TL026C
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
SLFS007A – JUNE 1985 – REVISED JULY 1990
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC± = ±6 V,
VAGC = 0, REF OUT pin open (unless otherwise specified)
PARAMETER
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVD
Large-signal differential voltage amplification
1
VO(PP) = 3 V, RL = 2 kΩ
55
115
V/V
IIO
Input offset current
6
µA
IIB
Input bias current
40
µA
VICR
Common-mode input voltage range
3
±1
V
VOO
Output offset voltage
1
VID = 0,
RL = ∞
1.5
V
VO(PP)
Maximum peak-to-peak output voltage swing
1
RL = 2 kΩ
2.8
V
ri
Input resistance at AGC, IN+, or IN –
8
k
Ω
CMRR
Common-mode rejection ratio
3
VIC = ±1 V,
f = 100 kHz
50
dB
kSVR
Supply voltage rejection ratio
(
∆VCC / ∆VIO)
4
∆VCC + = ± 0.5 V,
∆VCC – = ± 0.5 V
50
dB
Isink(max) Maximum output sink current
VID = 1 V,
VO = 3 V
2.8
4
mA
ICC
Supply current
1
No load,
No signal
30
mA
PARAMETER MEASUREMENT INFORMATION
IN +
IN –
AGC
OUT +
OUT –
REF OUT
RL
50
Ω
50
Ω
V
OC +
V
O
) ) VO *
2
+
–
VAGC
Vref
VID
VOD
Figure 1. Test Circuit
1 k
Ω
1 k
Ω
VO +
VO –
50
Ω
50
Ω
+
–
VID
0.2
µF
0.2
µF
Figure 2. Test Circuit
1 k
Ω
1 k
Ω
VO +
VO –
50
Ω
50
Ω
+
–
0.2
µF
0.2
µF
VIC
Figure 3. Test Circuit
RL = 2 kΩ
+
–
VOD
Figure 4. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com