Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 4 Page - Texas Instruments

  THS4032CD Datasheet HTML 1Page - Texas Instruments THS4032CD Datasheet HTML 2Page - Texas Instruments THS4032CD Datasheet HTML 3Page - Texas Instruments THS4032CD Datasheet HTML 4Page - Texas Instruments THS4032CD Datasheet HTML 5Page - Texas Instruments THS4032CD Datasheet HTML 6Page - Texas Instruments THS4032CD Datasheet HTML 7Page - Texas Instruments THS4032CD Datasheet HTML 8Page - Texas Instruments THS4032CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
THS4031
THS4032
SLOS224G – JULY 1999 – REVISED MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Dual supply
±4.5
±16
VCC+ and VCC– Supply voltage
V
Single supply
9
32
C-suffix
0
70
Operating free-air
TA
I-suffix
–40
85
°C
temperature
M-suffix
–55
125
ELECTRICAL CHARACTERISTICS
At TA = 25°C, VCC = ±15 V, and RL = 150 Ω (unless otherwise noted).
THS403xC, THS403xI
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE
VCC = ±15 V
100
Small-signal bandwidth (–3 dB)
Gain = –1 or 2
MHz
VCC = ±5 V
90
VCC = ±15 V
50
BW
Bandwidth for 0.1-dB flatness
Gain = –1 or 2
MHz
VCC = ±5 V
45
VO(pp) = 20 V,
VCC = ±15 V
2.3
Full power bandwidth(2)
RL = 1 kΩ
MHz
VO(pp) = 5 V,
VCC = ±5 V
7.2
VCC = ±15 V,
20-V step
100
SR
Slew rate(3)
Gain = –1
V/ms
VCC = ±5 V,
5-V step
80
VCC = ±15 V,
5-V step
60
Settling time to 0.1%
Gain = –1
ns
VCC = ±5 V,
2.5-V step
45
tS
VCC = ±15 V,
5-V step
90
Settling time to 0.01%
Gain = –1
ns
VCC = ±5 V,
2.5-V step
80
NOISE/DISTORTION PERFORMANCE
RL = 150 Ω
–81
THS4031
RL = 1 kΩ
–96
Total harmonic
VCC = ±5 V or ±15 V, VO(pp) = 2 V,
THD
dBc
distortion
f = 1 MHz
Gain = 2
RL = 150 Ω
–72
THS4032
RL = 1 kΩ
–90
Vn
Input voltage noise
VCC = ±5 V or ±15 V, f > 10 kHz
1.6
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V, f > 10 kHz
1.2
pA/
√Hz
VCC = ±15 V
0.015%
Differential gain error
VCC = ±5 V
0.02%
Gain = 2,
NTSC and PAL,
40 IRE modulation,
±100 IRE ramp
VCC = ±15 V
0.025
Differential phase error
°
VCC = ±5 V
0.03
Channel-to-channel crosstalk
VCC = ±5 V or ±15 V, f = 1 MHz
–61
dBc
(THS4032 only)
(1)
Full range = 0°C to 70°C for THS403xC and –40°C to 85°C for THS403xI suffix.
(2)
Full power bandwidth = slew rate / [
√2 pVOC(Peak)].
(3)
Slew rate is measured from an output level range of 25% to 75%.
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com