Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 5Page - Texas Instruments THS4032CD Datasheet HTML 6Page - Texas Instruments THS4032CD Datasheet HTML 7Page - Texas Instruments THS4032CD Datasheet HTML 8Page - Texas Instruments THS4032CD Datasheet HTML 9Page - Texas Instruments THS4032CD Datasheet HTML 10Page - Texas Instruments THS4032CD Datasheet HTML 11Page - Texas Instruments THS4032CD Datasheet HTML 12Page - Texas Instruments THS4032CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input offset voltage distribution
6, 7
Input offset voltage
vs Free-air temperature
8
Input bias current
vs Free-air temperature
9
Output voltage swing
vs Supply voltage
10
Maximum output voltage swing
vs Free-air temperature
11
Maximum output current
vs Free-air temperature
12
Supply current
vs Free-air temperature
13
Common-mode input voltage
vs Supply voltage
14
Closed-loop output impedance
vs Frequency
15
Open-loop gain and phase response
vs Frequency
16
Power-supply rejection ratio
vs Frequency
17
Common-mode rejection ratio
vs Frequency
18
Crosstalk
vs Frequency
19
Harmonic distortion
vs Frequency
20, 21
Harmonic distortion
vs Peak-to-peak output voltage
22, 23
Slew rate
vs Free-air temperature
24
0.1% settling time
vs Output voltage step size
25
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±15V, RL = 1kΩ
26
Frequency response with varying output voltage swing
Gain = 1, VCC = ±15V, RL = 1kΩ
27
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±15V, RL = 150kΩ
28
Frequency response with varying output voltage swing
Gain = 1, VCC = ±15V, RL = 150kΩ
29
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±5V, RL = 1kΩ
30
Frequency response with varying output voltage swing
Gain = 1, VCC = ±5V, RL = 1kΩ
31
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±5V, RL = 150kΩ
32
Frequency response with varying output voltage swing
Gain = 1, VCC = ±5V, RL = 150kΩ
33
Small signal frequency response with varying feedback resistance
Gain = 2, VCC = ±5V, RL = 150kΩ
34
Small signal frequency response with varying feedback resistance
Gain = 2, VCC = ±5V, RL = 150kΩ
35
Small signal frequency response with varying feedback resistance
Gain = –1, VCC = ±15V, RL = 150kΩ
36
Frequency response with varying output voltage swing
Gain = –1, VCC = ±5V, RL = 150kΩ
37
Small signal frequency response
Gain = 5, VCC = ±15V, ±5V
38
Output amplitude
vs Frequency, Gain = 2, VS = ±15V
39
Output amplitude
vs Frequency, Gain = 2, VS = ±5V
40
Output amplitude
vs Frequency, Gain = –1, VS = ±15V
41
Output amplitude
vs Frequency, Gain = –1, VS = ±5V
42
Differential phase
vs Number of 150
Ω loads
43, 44
Differential gain
vs Number of 150
Ω loads
45, 46
1-V step response
vs Time
47, 48
4-V step response
vs Time
49
20-V step response
vs Time
50
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com