Electronic Components Datasheet Search
  English  ▼

X  

A132000 Datasheet(PDF) 2 Page - AMIC Technology

Part # A132000
Description  ADPCM SOUND CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A132000 Datasheet(HTML) 2 Page - AMIC Technology

  A132000 Datasheet HTML 1Page - AMIC Technology A132000 Datasheet HTML 2Page - AMIC Technology A132000 Datasheet HTML 3Page - AMIC Technology A132000 Datasheet HTML 4Page - AMIC Technology A132000 Datasheet HTML 5Page - AMIC Technology A132000 Datasheet HTML 6Page - AMIC Technology A132000 Datasheet HTML 7Page - AMIC Technology A132000 Datasheet HTML 8Page - AMIC Technology A132000 Datasheet HTML 9Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A132000
ADPCM SOUND CONTROLLER
Preliminary
PRELIMINARY
(December, 1999, Version 0.0)
1
AMIC Technology, Inc.
General Description
The A132000 is a fully CMOS integrated circuit. It uses advanced design and process technology to combine an 8-bit
RISC processor with program/data ROM, 80-byte working SRAM
, timer/counter, I/O, built-in oscillator and audio current
mode D/A. The high speed RISC processor can implement software based audio processing
, data compression, LCD
display, functional control and others.
Features
n 8-bit RISC controller
n Wide operation range:2.7V-5.5V
n Provide 2Mbit ROM area
n Software audio for speech and melody
n Provide maximum 2K bytes ROM area for
program data
n Provide 60 seconds playing of audio or speech
voice
n 80bytes working SRAM
n Built-in watch dog timer
n Audio output, audio output current: 5 mA
n Clock stop mode
n 8-bit timer/counters with 8-bit programmable
prescaler
n ADPCM encoding/decoding method
n Power-On Reset (POR)
n Provide 8-bit current output D/A
n Provide 20 general I/Os
n Provide 4 output only drive LEDs
n Key wake up function
n Low voltage reset function
n Crystal Operation or Built-in 4M Hz
RC-Oscillator Operation
n ESD, insensitive
n Two-level hardware push/pop stack
n Only 33 single word instruction to learn
Application Field
n Intelligent education toys
ex. Pattern to voice (animal, car, color etc.)
n Spelling (A,B,C or Chinese)
n Math game
n High-end toy controller
n Talking instrument controller
n General speech synthesizer
n Industrial controller
Package Type
n
n Dice Form



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com