Electronic Components Datasheet Search
  English  ▼

X  

A132000 Datasheet(PDF) 5 Page - AMIC Technology

Part # A132000
Description  ADPCM SOUND CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A132000 Datasheet(HTML) 5 Page - AMIC Technology

  A132000 Datasheet HTML 1Page - AMIC Technology A132000 Datasheet HTML 2Page - AMIC Technology A132000 Datasheet HTML 3Page - AMIC Technology A132000 Datasheet HTML 4Page - AMIC Technology A132000 Datasheet HTML 5Page - AMIC Technology A132000 Datasheet HTML 6Page - AMIC Technology A132000 Datasheet HTML 7Page - AMIC Technology A132000 Datasheet HTML 8Page - AMIC Technology A132000 Datasheet HTML 9Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A132000
PRELIMINARY
(December, 1999, Version 0.0)
4
AMIC Technology, Inc.
Absolute Maximum Ratings
Characteristics
Symbol
Min.
Max.
Unit
Operating Temperature
Top
0
70
°C
Storage Temperature Range
Ts
-55
+125
°C
Input Voltage
VDD / VSS
VDD - 0.5
VDD + 0.5
V
Supply Voltage
V
-0.5
+6.0
V
Electrical Characteristics
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDD
2.7
5.5
V
Standby Current
IDDS
10.0
µA VDD = 5V
Operating Current
IDDO
10.0
mA
VDD = 5V No Load
Input Low Voltage
VIL
0
0.8
V
Input High Voltage
VIH
2.4
VDD+0.2
V
Output Low Voltage
RC4-RC7
RA,RB,RC0-RC3
VOL
VOL
0.6
0.6
V
V
VDD = 5V
IOL = 12mA
IOL = 2mA
Output High Voltage
RC4-RC7
RA,RB,RC0-RC3
VOH
VOH
VDD-0.7V
VDD-0.7V
V
V
VDD = 5V
IOH = -12mA
IOH = -2mA
Output Current of AUDA
IAUDA
5.0
mA
VDD = 5V
Oscillation Resistor
ROSC
8
10
K
Ω VDD = 5V
RC-Oscillator Frequency
FOSC
4
MHz VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com