Electronic Components Datasheet Search
  English  ▼

X  

A29010 Datasheet(PDF) 2 Page - AMIC Technology

Part # A29010
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010 Datasheet(HTML) 2 Page - AMIC Technology

  A29010 Datasheet HTML 1Page - AMIC Technology A29010 Datasheet HTML 2Page - AMIC Technology A29010 Datasheet HTML 3Page - AMIC Technology A29010 Datasheet HTML 4Page - AMIC Technology A29010 Datasheet HTML 5Page - AMIC Technology A29010 Datasheet HTML 6Page - AMIC Technology A29010 Datasheet HTML 7Page - AMIC Technology A29010 Datasheet HTML 8Page - AMIC Technology A29010 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
A29010 Series
PRELIMINARY
(August, 2001, Version 0.3)
2
AMIC Technology, Inc.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 ( Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased
and
reprogrammed
without
affecting
the
data
contents of other sectors. The A29010 is fully erased when
shipped from the factory.
The hardware sector protection feature disables operations
for both program and erase in any combination of the
Pin Configurations
sectors of memory. This can be achieved via programming
equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program data
to, any other sector that is not selected for erasure. True
background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.
n DIP
n PLCC
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
VSS
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A9
A8
A13
WE
NC
A14
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
CE
I/O7
A10
A29010L
OE
A11
A9
A8
A13
A14
10
n TSOP (Forward type)
A29010V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A9
A8
A13
A14
NC
WE
VCC
A16
A15
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A11
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com