Electronic Components Datasheet Search
  English  ▼

X  

A29010 Datasheet(PDF) 3 Page - AMIC Technology

Part # A29010
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010 Datasheet(HTML) 3 Page - AMIC Technology

  A29010 Datasheet HTML 1Page - AMIC Technology A29010 Datasheet HTML 2Page - AMIC Technology A29010 Datasheet HTML 3Page - AMIC Technology A29010 Datasheet HTML 4Page - AMIC Technology A29010 Datasheet HTML 5Page - AMIC Technology A29010 Datasheet HTML 6Page - AMIC Technology A29010 Datasheet HTML 7Page - AMIC Technology A29010 Datasheet HTML 8Page - AMIC Technology A29010 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
A29010 Series
PRELIMINARY
(August, 2001, Version 0.3)
3
AMIC Technology, Inc.
Block Diagram
Pin Descriptions
Pin No.
Description
A0 - A16
Address Inputs
I/O0 - I/O7
Data Inputs/Outputs
CE
Chip Enable
WE
Write Enable
OE
Output Enable
VSS
Ground
VCC
Power Supply
State
Control
Command
Register
X-decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Cell Matrix
Y-Gating
VCC Detector
PGM Voltage
Generator
Data Latch
Input/Output
Buffers
Erase Voltage
Generator
VCC
VSS
WE
CE
OE
A0-A16
I/O0 - I/O7
Timer
STB
STB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com