Electronic Components Datasheet Search
  English  ▼

X  

AME8808LECS Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8808LECS
Description  750mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808LECS Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8808LECS Datasheet HTML 1Page - Analog Microelectronics AME8808LECS Datasheet HTML 2Page - Analog Microelectronics AME8808LECS Datasheet HTML 3Page - Analog Microelectronics AME8808LECS Datasheet HTML 4Page - Analog Microelectronics AME8808LECS Datasheet HTML 5Page - Analog Microelectronics AME8808LECS Datasheet HTML 6Page - Analog Microelectronics AME8808LECS Datasheet HTML 7Page - Analog Microelectronics AME8808LECS Datasheet HTML 8Page - Analog Microelectronics AME8808LECS Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Analog Microelectronics, Inc.
4
750mA CMOS LDO
AME8808
n
n
n
n
n Absolute Maximum Ratings
n
n
n
n
n Recommended Operating Conditions
n
n
n
n
n Thermal Information
Pa ra mete r
Maximum
Unit
Input Voltage
8
V
Output Current
1
A
Input, Output Voltage
GND - 0.3 to VDD + 0.3
V
ESD Classification
B
Parameter
Rating
Unit
Supply Voltage
4.5 to 5.5
V
Ambient Temperature Range
-40 to +85
oC
Junction Temperature
-40 to +125
oC
Maximum
Unit
SOT-223
160
DPAK-2
60
SOT-223
625
DPAK-2
3,000
150
oC
300
oC
Caution: Stress above the listed absolute rating may cause permanent damage to the device
Parameter
oC / W
mW
Maximum Lead Temperature ( 10 Sec)
Maximum Junction Temperature
Thermal Resistance (
θjc)
Internal Power Dissipation (PD)
(
∆T = 100
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com