Electronic Components Datasheet Search
  English  ▼

X  

AME8808LECS Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8808LECS
Description  750mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808LECS Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8808LECS Datasheet HTML 3Page - Analog Microelectronics AME8808LECS Datasheet HTML 4Page - Analog Microelectronics AME8808LECS Datasheet HTML 5Page - Analog Microelectronics AME8808LECS Datasheet HTML 6Page - Analog Microelectronics AME8808LECS Datasheet HTML 7Page - Analog Microelectronics AME8808LECS Datasheet HTML 8Page - Analog Microelectronics AME8808LECS Datasheet HTML 9Page - Analog Microelectronics AME8808LECS Datasheet HTML 10Page - Analog Microelectronics AME8808LECS Datasheet HTML 11Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Analog Microelectronics, Inc.
10
750mA CMOS LDO
AME8808
n
n
n
n
n Package Dimension
SOT-223
α
MIN
MAX
MIN
MAX
A
1.50
1.80
0.0591
0.0709
A1
0.02
0.10
0.0008
0.0039
B
0.60
0.838
0.0236
0.033
B1
2.895
3.15
0.1140
0.1240
C
0.24
0.381
0.0094
0.0150
D
6.299
6.706
0.2480
0.2640
E
3.30
3.708
0.1299
0.1460
e
e1
H
6.70
7.30
0.2638
0.2874
L
L1
L2
α
αα
α
0
°
10
°
0
°
10
°
0.91 MIN
0.0360 MIN
2.00 MAX
0.06 BSC
0.0024 BSC
0.0787 MAX
2.30 BSC
4.60 BSC
0.090 BSC
0.181 BSC
MILLIMETERS
INCHES
SYMBOLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com