Electronic Components Datasheet Search
  English  ▼

X  

L9777A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9777A
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9777A Datasheet HTML 3Page - STMicroelectronics L9777A Datasheet HTML 4Page - STMicroelectronics L9777A Datasheet HTML 5Page - STMicroelectronics L9777A Datasheet HTML 6Page - STMicroelectronics L9777A Datasheet HTML 7Page - STMicroelectronics L9777A Datasheet HTML 8Page - STMicroelectronics L9777A Datasheet HTML 9Page - STMicroelectronics L9777A Datasheet HTML 10Page - STMicroelectronics L9777A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
L9777
Block diagrams and pins configuration
Doc ID 13496 Rev 2
7/25
Figure 5.
Package pin configuration (option C)
Table 2.
Pin description
Pin#
I/O
Name
Function
1
O
RESET/VDD_LOW
OPTION A & B: RESET output.
This pin is set low if NMI output goes low for adjustable filter time
OPTION C: VDD_LOW output
This pin is set low when undervoltage on VDD is detected
2O
NMI
Non maskable Interrupt Output
This pin is set low when low voltage on VCC is detected or
frequency of WD signal is too low.
3I
D
NMI/RESET power up delay.
External cap on this pin sets the time response of the VCC low
voltage detector and the time response of the watchdog monitor.
4
I
VDD_EN
VDD control.
OPTION A: If this pin is low VDD output voltage is not available
(connect this pin to VCC or left floating to switch on VDD output
voltage)
OPTION B & C: If this pin is low or left floating VDD output
voltage is not available (connect this pin to VCC to switch on VDD
regulator)
5I
WD
Watchdog input.
If the frequency at this input pin is too low, the NMI output is
activated low
6I
WD_EN
Watchdog function enable/disable
OPTION A: If this pin is low the watchdog function is disabled, if
connected to VCC or left floating the watchdog function is
enabled.
OPTION B & C: If this pin is low or floating, the watchdog
function is disabled, if connected to VCC the watchdog function is
enabled.
7I
VI
Input voltage
Block to GND with a capacitor of value at least 100 nF
VDD_LOW
NMI
D
VDD_EN
WD
WD_EN
VI
N.C.
VCC
VDD
GND
RADJ
1
3
2
4
5
6
10
9
8
7
11
12
PinConfC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com