Electronic Components Datasheet Search
  English  ▼

X  

L9777A Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9777A
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9777A Datasheet HTML 17Page - STMicroelectronics L9777A Datasheet HTML 18Page - STMicroelectronics L9777A Datasheet HTML 19Page - STMicroelectronics L9777A Datasheet HTML 20Page - STMicroelectronics L9777A Datasheet HTML 21Page - STMicroelectronics L9777A Datasheet HTML 22Page - STMicroelectronics L9777A Datasheet HTML 23Page - STMicroelectronics L9777A Datasheet HTML 24Page - STMicroelectronics L9777A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Electrical and thermal characteristics
L9777
22/25
Doc ID 13496 Rev 2
VDD (option C)
VDD,VCC
DIFFVR
Output voltage difference
between VDD and VCC
IVDD = 1 to 50 mA
VI = 6.6 to 31 V
-25
-
25
mV
VDD
ILIM2
VDD output limitation
current
VI = 6.6 to 31 V
55
100
240
mA
VI,VDD
VDP2
Dropout voltage
IVDD = 50 mA; VI = 6.6 to 31 V
-
-
1.5
V
VDD
VLINE2
VDD Line regulation
voltage
VI = 6.6 to 31 V
IVDD = 1 to 50 mA
--
25
mV
VDD
VLOAD2
VDD Load regulation
voltage
IVDD = 1 to 50 mA
VI = 6.6 to 31 V
--
25
mV
VDD
VDDUN
VDD undervoltage
threshold
VI = 6.6 to 31 V
VCC-
400
VCC-
300
VCC-
200
mV
VDD
TFVDD
VDD spike dependent
undervoltage filter time
VDD transition from 5 V to 4 V
1
-
-
µs
WD
WD
VWDTHH
Input high voltage
-
-
-
0.3
VCC
V
WD
VWDTHL
Input low voltage
-
0.7
VCC
--
V
WD
VWDHY
WD input hysteresis
-
250
500
800
mV
WD
RWD
Pull down resistor
-
15
35
80
k
Ω
DIWDC
Charge current
VD = 0.1 V; VI = 13.5 V
102040
μA
DIWDD
Discharge current
VD = 2.5 V; VI = 13.5 V
102040
μA
DVDTHL
Low threshold
-
0.52
0.62
0.72
V
DVDTHH
High threshold
-
1.14
1.24
1.34
V
DTWOP
Watchdog period
CD =10 nF
20
40
80
ms
DTWOL
Watchdog output low
time
CD =10 nF
5
10
20
ms
WD_EN
WD_EN
VWENTL
WD_EN input low
voltage
--
-
0.30
VCC
-
WD_EN
VWENTH
WD_EN input high
voltage
-
0.70
VCC
---
WD_EN
VWENHY
WD_EN input hysteresis
-
200
500
800
mV
WD_EN
IWD_EN
Pull up current Option A
-
2.5
5
10
μA
WD_EN
IWD_EN
Pull down current
Option B and C
-
5
10
20
μA
Table 4.
Electrical and thermal characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com