Electronic Components Datasheet Search
  English  ▼

X  

EV22D140KA Datasheet(PDF) 29 Page - World Produts Inc.

Part # EV22D140KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D140KA Datasheet(HTML) 29 Page - World Produts Inc.

Back Button EV22D140KA Datasheet HTML 25Page - World Produts Inc. EV22D140KA Datasheet HTML 26Page - World Produts Inc. EV22D140KA Datasheet HTML 27Page - World Produts Inc. EV22D140KA Datasheet HTML 28Page - World Produts Inc. EV22D140KA Datasheet HTML 29Page - World Produts Inc. EV22D140KA Datasheet HTML 30Page - World Produts Inc. EV22D140KA Datasheet HTML 31Page - World Produts Inc. EV22D140KA Datasheet HTML 32Page - World Produts Inc. EV22D140KA Datasheet HTML 33Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 27
EV Standard Series — Electrical Characteristics
14mm
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV14D11K
11
14
4.0
1000
16
20
36
10
15000
EV14D14K
14
18
5.0
1000
20
24
43
10
12000
EV14D17K
17
22
6.0
1000
24
30
53
10
8500
EV14D20K
20
26
8.0
1000
30
36
65
10
7200
EV14D25K
25
31
9.0
1000
35
43
77
10
6300
EV14D30K
30
38
10
1000
42
52
93
10
5500
EV14D35K
35
45
11
1000
50
62
110
10
4800
EV14D40K
40
56
14
1000
61
75
135
10
4000
EV14D50K
50
65
22
4500
74
90
135
50
3300
EV14D60K
60
85
28
4500
90
110
165
50
3400
EV14D75K
75
100
32
4500
108
132
200
50
3100
EV14D95K
95
125
40
4500
135
165
250
50
3000
EV14D120K
120
150
50
4500
162
198
300
50
1030
EV14D130K
130
170
57
4500
185
225
340
50
970
EV14D140K
140
180
60
4500
198
242
360
50
840
EV14D150K
150
200
63
4500
216
264
395
50
710
EV14D180K
180
225
70
4500
243
297
455
50
650
EV14D195K
195
250
77
4500
270
330
500
50
600
EV14D210K
210
275
85
4500
297
363
550
50
550
EV14D230K
230
300
93
4500
324
396
595
50
530
EV14D250K
250
320
100
4500
351
429
650
50
500
EV14D275K
275
350
115
4500
387
473
710
50
480
EV14D300K
300
385
125
4500
423
517
775
50
440
EV14D320K
320
415
125
4500
459
561
845
50
390
EV14D360K
360
460
125
4500
504
616
825
50
360
EV14D390K
390
505
125
4500
558
682
1025
50
320
EV14D420K
420
560
130
4500
612
748
1120
50
300
EV14D460K
460
615
143
4500
675
825
1240
50
280
EV14D485K
485
640
148
4500
702
858
1290
50
250
EV14D510K
510
670
157
4500
738
902
1355
50
230
EV14D550K
550
745
175
4500
819
1001
1500
50
200
EV14D625K
625
825
190
4500
900
1100
1650
50
180
EV14D680K
680
895
213
4500
990
1210
1815
50
150
EV14D750K
750
990
213
4500
1080
1320
1980
50
150
EV14D1100K
1100
1465
250
4500
1620
1980
2970
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com