Electronic Components Datasheet Search
  English  ▼

X  

EV22D140KA Datasheet(PDF) 39 Page - World Produts Inc.

Part # EV22D140KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D140KA Datasheet(HTML) 39 Page - World Produts Inc.

Back Button EV22D140KA Datasheet HTML 35Page - World Produts Inc. EV22D140KA Datasheet HTML 36Page - World Produts Inc. EV22D140KA Datasheet HTML 37Page - World Produts Inc. EV22D140KA Datasheet HTML 38Page - World Produts Inc. EV22D140KA Datasheet HTML 39Page - World Produts Inc. EV22D140KA Datasheet HTML 40Page - World Produts Inc. EV22D140KA Datasheet HTML 41Page - World Produts Inc. EV22D140KA Datasheet HTML 42Page - World Produts Inc. EV22D140KA Datasheet HTML 43Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 37
EV Ultra High Energy (-H) Series
Electrical Characteristics
20mm -H
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV20D120K-H
120
150
156
13000
162
198
300
100
2400
EV20D130K-H
130
170
175
13000
185
225
340
100
1800
EV20D140K-H
140
180
186
13000
198
242
360
100
1500
EV20D150K-H
150
200
200
13000
216
264
395
100
1400
EV20D180K-H
180
225
230
13000
243
297
455
100
1350
EV20D195K-H
195
250
250
13000
270
330
500
100
1300
EV20D210K-H
210
275
275
13000
297
363
550
100
1250
EV20D230K-H
230
300
310
13000
324
396
595
100
1180
EV20D250K-H
250
320
330
13000
351
429
650
100
1100
EV20D275K-H
275
350
360
13000
387
473
710
100
1050
EV20D300K-H
300
385
420
13000
423
517
775
100
1000
EV20D320K-H
320
415
432
13000
459
561
845
100
970
EV20D360K-H
360
460
455
13000
504
616
825
100
950
EV20D390K-H
390
505
470
13000
558
682
1025
100
900
EV20D420K-H
420
560
480
13000
612
748
1120
100
850
EV20D460K-H
460
615
505
13000
675
825
1240
100
750
EV20D485K-H
485
640
530
13000
702
858
1290
100
700
EV20D510K-H
510
670
550
13000
738
902
1355
100
600
EV20D550K-H
550
745
612
13000
819
1001
1500
100
500
EV20D625K-H
625
825
680
13000
900
1100
1650
100
450
EV20D680K-H
680
895
745
13000
990
1210
1815
100
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com