Electronic Components Datasheet Search
  English  ▼

X  

SS8250 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SS8250
Description  Zentrum fur Lot- und Entlotsysteme
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS8250 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SS8250 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
('6<1 *0%+ (8523$
Zentrum für Löt- und Entlötsysteme
EDSYN GMBH EUROPA, Postfach 1169, D-97888 Kreuzwertheim
27. Oktober 2011
EDSYN GMBH EUROPA
• D-97892 Kreuzwertheim • Finkenweg 2 •
(09342) 6413
(09342) 6417
3+
Density (alloy):
8,5 kg / dm3 at 20°C
 WR ƒ&
- Acid value (fluxR):
160 to 190 (MgKoh/g)
- Acid value (flux RMA): 204 (MgKoh(g)
- Acid value (flux RA):
208 (MgKoh/g
- Halogen content R:
< 0.005
- Halogen content RMA: 0.41
- Halogen content RA:
0.86
Not concerned
insoluble in water,
soluble in acetic acid, in nitric acid in hot concentrated sulphuric acid.
Mechanical and thermal operations giving rise to dusts or fumes without
appropriate ventilation.
Due to the toxic properties of lead salts, avoid accidental contact with
acids, particularly with acetic acid.
Not applicable.
: Significant emission of lead vapors from about 450°C
(acute occupational are rare).
obligatory biological monitoring of the workers exposed to metallic lead
and to its compounds allows to know a saturnal impregnation before that
clinical symptoms appear.
Lead poisoning clinically appears under various forms of more less
marked acuteness:
-
blood symptoms: anemia.
-
renal symptoms: chronic renal insufficiency.
-
digestive symptoms: abdominal pains, constipation and possible
increasing of blood pressure.
-
nervous system (central and peripheral)
(encephalopathy exceptionally occurs among exposed workers).
women in age to bear children should only work at places of low exposure;
take advice of the occupational physician. Comply with pregnant and
breast-feeding women protection measures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com