Electronic Components Datasheet Search
  English  ▼

X  

SS8250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS8250
Description  Zentrum fur Lot- und Entlotsysteme
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS8250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS8250 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS8250 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
('6<1 *0%+ (8523$
Zentrum für Löt- und Entlötsysteme
EDSYN GMBH EUROPA, Postfach 1169, D-97888 Kreuzwertheim
27. Oktober 2011
EDSYN GMBH EUROPA
• D-97892 Kreuzwertheim • Finkenweg 2 •
(09342) 6413
(09342) 6417
0DWHULDO 6DIHW\ 'DWD 6KHHW  DFFRUGLQJ WR GLUHFWLYH (:*
,17(51$7,21$/ 67$1'$57 1250 ,62 
7UDGH 1DPH 66
6ROGHU ZLUH 66Q 3E &X
)OX[ )6: 
',1 (1  
1) (1  
Finkenweg 2
Tel.: 09342 - 6413
D 97892 Kreuzwertheim
Fax: 09342 - 6417
Solder wire Tin/Lead/Copper with incorporated flux Type 1.1.3 B
Tin
7440-31-5
60%
Lead
7439-92-1
38%
20/22-33-61
Copper
7440-8
2%
Colophony
8050-09-7
0.6 to 3.3%
Inhalation of lead bearing dust or fumes is the main route of penetration in
the organism for workers processing lead.
> Absorption by ingestion is also possible.
> Percutaneous absorption is of minor importance but possible if the
skin is injured.
> Symptoms of intoxication are preceded by more or less long stage
of impregnation which can be detected by biological analyses.
> Clinical symptoms vary with the subject and the impregnation extent:
anaemia, nephritis and in several cases, abdominal pains
(lead colics),peripherical and central neuropathy.
> Workers exposure must be reduced at the lowest possible level,
that suppose:
- the respect of the limit values (cf § 8).
- the setting up of collective and individual protection measures at
workplaces.
- a large information of the workers on using and handling
precautions and their training for safety.
- an appropriate medical monitoring.
Lead metal is not classified in the annex 1 of the directive 67/548/EEC
: chemical or mechanical processing of lead can give rise to
toxic copmpounds. Lead compounds are classified toxic for reproduction
cat.1 (development), they are also harmful by inhalation and swallowed;
some have a specific classicfication.


Similar Part No. - SS8250

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS82 FRONTIER-SS82 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS82 LUGUANG-SS82 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS82 FORMOSA-SS82 Datasheet
122Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS82 CHENDA-SS82 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS82 DGNJDZ-SS82 Datasheet
665Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS8250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1035 ETC-TDA1035 Datasheet
432Kb / 3P
Tonkanaischaltung fur Fernsehempfanger
logo
Vishay Telefunken
RFG3 TFUNK-RFG3 Datasheet
66Kb / 3P
EINWEGGLEICHRICHTER FUR KATHODENSTRAHIROHREN
logo
OSRAM GmbH
SFH5410 OSRAM-SFH5410 Datasheet
75Kb / 8P
IR-Empfanger fur Fernbedienungen
logo
List of Unclassifed Man...
FY80 ETC2-FY80 Datasheet
73Kb / 2P
VEB WERK FUR FERNMELDEWESEN
logo
Tyco Electronics
929975 MACOM-929975 Datasheet
93Kb / 1P
2.5MM KONTAKTBUCHSE FUR EINZELDICHTUNG
logo
List of Unclassifed Man...
SC1250 ETC2-SC1250 Datasheet
154Kb / 4P
Zentrum f체r L철t- und Entl철tsysteme
logo
ERNI Electronics
364918 ERNI-364918 Datasheet
152Kb / 1P
Messerleiste CD128 LOT
394862 ERNI-394862 Datasheet
26Kb / 1P
M12 Gehauseteil fur Messerl
logo
Lumberg
1300114 LUMBERG-1300114 Datasheet
1,021Kb / 4P
Anschlussleitungen fur Aktoren Sensoren und Verteiler Cordsets
logo
List of Unclassifed Man...
A301D ETC1-A301D Datasheet
114Kb / 3P
Nicht fur Neuentwicklungen
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com