Electronic Components Datasheet Search
  English  ▼

X  

TL712 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL712
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL712 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL712 Datasheet HTML 4Page - Texas Instruments TL712 Datasheet HTML 5Page - Texas Instruments TL712 Datasheet HTML 6Page - Texas Instruments TL712 Datasheet HTML 7Page - Texas Instruments TL712 Datasheet HTML 8Page - Texas Instruments TL712 Datasheet HTML 9Page - Texas Instruments TL712 Datasheet HTML 10Page - Texas Instruments TL712 Datasheet HTML 11Page - Texas Instruments TL712 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
8
RELAXATION OSCILLATOR
The TLV350x can easily be configured as a simple and
inexpensive relaxation oscillator. In Figure 4, the R2
network sets the trip threshold at 1/3 and 2/3 of the supply.
Since this is a high-speed circuit, the resistor values are
rather low in order to minimize the effect of parasitic
capacitance. The positive input alternates between 1/3 of
V+ and 2/3 of V+ depending on whether the output is low
or high. The time to charge (or discharge) is 0.69R1C.
Therefore, the period is 1.38R1C. For 62pF and 1kΩ as
shown in Figure 4, the output is calculated to be 10.9MHz.
An implementation of this circuit oscillated at 9.6MHz.
Parasitic capacitance and component tolerances explain
the difference between theory and actual performance.
V+
f=10MHz
V
S =5V
2/3 (V+)
1/3 (V+)
R
1
1k
Ω
R
2
5k
Ω
R
2
5k
Ω
R
2
5k
Ω
V
OUT
V
C
V+
t
C
62pF
1.38R
1C
t
Figure 4. Relaxation Oscillator
HIGH-SPEED WINDOW COMPARATOR
A window comparator circuit is used to determine when a
signal is between two voltages. The TLV3502 can readily
be used to create a high-speed window comparator. VHI
is the upper voltage threshold, and VLO is the lower voltage
threshold. When VIN is between these two thresholds, the
output in Figure 5 is high. Figure 6 shows a simple means
of obtaining an active low output. Note that the reference
levels are connected differently between Figure 5 and
Figure 6. The operating voltage range of either circuit is
2.7V to 5.5V.
TLV3502b
TLV3502a
V
OUT
V
HI
V
LO
V
IN
SN74LVC1G02
V
HI
V
LO
V
IN
V
OUT
V
Time
Figure 5. Window Comparator—Active High
TLV3502b
TLV3502a
V
OUT
V
HI
V
LO
V
IN
SN74AHC00
V
HI
V
LO
V
IN
V
OUT
V
Time
Figure 6. Window Comparator—Active Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com