Electronic Components Datasheet Search
  English  ▼

X  

TL712 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL712
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL712 Datasheet(HTML) 1 Page - Texas Instruments

  TL712 Datasheet HTML 1Page - Texas Instruments TL712 Datasheet HTML 2Page - Texas Instruments TL712 Datasheet HTML 3Page - Texas Instruments TL712 Datasheet HTML 4Page - Texas Instruments TL712 Datasheet HTML 5Page - Texas Instruments TL712 Datasheet HTML 6Page - Texas Instruments TL712 Datasheet HTML 7Page - Texas Instruments TL712 Datasheet HTML 8Page - Texas Instruments TL712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FEATURES
D HIGH SPEED: 4.5ns
D RAIL-TO-RAIL I/O
D SUPPLY VOLTAGE: +2.7V to +5.5V
D PUSH-PULL CMOS OUTPUT STAGE
D SHUTDOWN (TLV3501 only)
D MICRO PACKAGES:
SOT23-6 (single)
SOT23-8 (dual)
D LOW SUPPLY CURRENT: 3.2mA
APPLICATIONS
D AUTOMATIC TEST EQUIPMENT
D WIRELESS BASE STATIONS
D THRESHOLD DETECTOR
D ZERO-CROSSING DETECTOR
D WINDOW COMPARATOR
TLV350x RELATED PRODUCTS
FEATURES
PRODUCT
Precision Ultra-Fast, Low-Power Comparator
TLC3016
Differential Output Comparator
TL712
High-Speed Op Amp, 16-Bit Accurate, 150MHz
OPA300
High-Speed Op Amp, Rail-to-Rail, 38MHz
OPA350
High-Speed Op Amp with Shutdown, 250MHz
OPA357
DESCRIPTION
The TLV350x family of push-pull output comparators
feature a fast 4.5ns propagation delay and operation from
+2.7V to +5.5V. Beyond-the-rails input common-mode
range makes it an ideal choice for low-voltage applica-
tions. The rail-to-rail output directly drives either CMOS or
TTL logic.
Microsize packages provide options for portable and
space-restricted applications. The single (TLV3501) is
available in SOT23-6 and SO-8 packages. The dual
(TLV3502) comes in the SOT23-8 and SO-8 packages.
9
8
7
6
5
4
3
PROPAGATION DELAY vs OVERDRIVE VOLTAGE
0
100
40
60
80
20
Overdrive Voltage (mV)
Fall
Rise
V
CM =1V
V
S =5V
C
LOAD =17pF
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
4.5ns Rail-to-Rail, High-Speed Comparator
in Microsize Packages
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TL712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712 TI-TL712 Datasheet
82Kb / 5P
DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
TL712 TI2-TL712 Datasheet
879Kb / 20P
DIFFERENTIAL COMPARATOR
REVISED AUGUST 2003
More results

Similar Description - TL712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com