Electronic Components Datasheet Search
  English  ▼

X  

LP61L1008 Datasheet(PDF) 2 Page - AMIC Technology

Part # LP61L1008
Description  128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1008 Datasheet(HTML) 2 Page - AMIC Technology

  LP61L1008 Datasheet HTML 1Page - AMIC Technology LP61L1008 Datasheet HTML 2Page - AMIC Technology LP61L1008 Datasheet HTML 3Page - AMIC Technology LP61L1008 Datasheet HTML 4Page - AMIC Technology LP61L1008 Datasheet HTML 5Page - AMIC Technology LP61L1008 Datasheet HTML 6Page - AMIC Technology LP61L1008 Datasheet HTML 7Page - AMIC Technology LP61L1008 Datasheet HTML 8Page - AMIC Technology LP61L1008 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LP61L1008 Series
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
(June, 2002, Version 2.0)
1
AMIC Technology, Inc.
Features
General Description
n Single 3.3V ± 10% power supply
n Access times: 12/15 ns (max.)
n Current: Operating: 180mA (max.)
Standby:
5mA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Center Power/Ground Pin Configuration
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2.0V (min.)
n Available in 32-pin SOJ 300 mil and 32-pin sTSOP
packages
The LP61L1008 is a high speed 1,048,576-bit static
random access memory organized as 131,072
words by 8 bits and operates on a single 3.3V power
supply.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
The chip enable input is provided for POWER-DOWN
and device enable and an output enable input is included
for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2.0V.
Product Family
Power Dissipation
Product
Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC2, Typ.)
Package
Type
LP61L1008
0
°C~70°C
3.0V~3.6V
12/15 ns
10
µA
20
µA
66mA
32L SOJ
32L sTSOP
1. Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.
Pin Configuration
n
n SOJ
n
n sTSOP
A0
A1
A2
A3
CE
I/O1
I/O2
VCC
GND
I/O3
I/O4
WE
A4
A5
A6
A8
A7
A9
A10
A11
A12
I/O5
I/O6
VCC
I/O7
I/O8
OE
A13
A14
A15
A16
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A15
VCC
A16
A14
LP61L1008X
1
9
32
24
A0
A1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
A2
A3
VCC
VSS
I/O3
A4
A5
A6
A7
31
30
29
28
27
26
25
23
22
21
20
19
18
17
A13
OE
I/O7
I/O6
VSS
A11
A10
A9
A8
I/O1
CE
I/O0
I/O5
I/O4
A12
I/O2
WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com