Electronic Components Datasheet Search
  English  ▼

X  

LP61L1008 Datasheet(PDF) 4 Page - AMIC Technology

Part # LP61L1008
Description  128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1008 Datasheet(HTML) 4 Page - AMIC Technology

  LP61L1008 Datasheet HTML 1Page - AMIC Technology LP61L1008 Datasheet HTML 2Page - AMIC Technology LP61L1008 Datasheet HTML 3Page - AMIC Technology LP61L1008 Datasheet HTML 4Page - AMIC Technology LP61L1008 Datasheet HTML 5Page - AMIC Technology LP61L1008 Datasheet HTML 6Page - AMIC Technology LP61L1008 Datasheet HTML 7Page - AMIC Technology LP61L1008 Datasheet HTML 8Page - AMIC Technology LP61L1008 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LP61L1008 Series
(June, 2001, Version 2.0)
3
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0
+0.8
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-
Absolute Maximum Ratings*
VCC to GND .............................................. -0.5V to +4.6V
IN, IN/OUT Volt to GND .....................-0.5V to VCC +0.5V
Operating Temperature, Topr ...................... 0
°C to +70°C
Storage Temperature, Tstg..................... -55
°C to +125°C
Temperature Under Bias, Tbias................ -10
°C to +85°C
Power Dissipation, Pt................................................1.0W
Soldering Temp. & Time .............................260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those
indicated
in
the
operational
sections
of
this
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C, VCC = 3.3V ± 10%, GND = 0V)
LP61L1008-12/15
Symbol
Parameter
Min.
Max.
Unit
Conditions
ILI
Input Leakage Current
-
2
µA
VIN = GND to VCC
ILO
Output Leakage Current
-
2
µA
CE = VIH or
OE = VIH or WE = VIL
VI/O = GND to VCC
-12
-
180
ICC1 (1)
Dynamic Operating
Current
-15
-
170
mA
CE = VIL
II/O = 0 mA
ISB
-
20
mA
CE = VIH
ISB1
Standby Power
Supply Current
-
5
mA
CE
≥ VCC - 0.2V,
VIN
≤ 0.2V or VIN ≥ VCC - 0.2V
VOL
Output Low Voltage
-
0.4
V
IOL = 8 mA
VOH
Output High Voltage
2.4
-
V
IOH = -4 mA
Note: 1. ICC1 is dependent on output loading, cycle rates, and Read / Write patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com