Electronic Components Datasheet Search
  English  ▼

X  

LP61L256C Datasheet(PDF) 1 Page - AMIC Technology

Part # LP61L256C
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256C Datasheet(HTML) 1 Page - AMIC Technology

  LP61L256C Datasheet HTML 1Page - AMIC Technology LP61L256C Datasheet HTML 2Page - AMIC Technology LP61L256C Datasheet HTML 3Page - AMIC Technology LP61L256C Datasheet HTML 4Page - AMIC Technology LP61L256C Datasheet HTML 5Page - AMIC Technology LP61L256C Datasheet HTML 6Page - AMIC Technology LP61L256C Datasheet HTML 7Page - AMIC Technology LP61L256C Datasheet HTML 8Page - AMIC Technology LP61L256C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP61L256C
Preliminary
32K X 8 BIT HIGH SPEED CMOS SRAM
PRELIMINARY
(November, 2001, Version 0.0)
AMIC Technology, Inc.
Document Title
32K X 8 BIT HIGH SPEED CMOS SRAM
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
November 9, 2001
Preliminary


Similar Part No. - LP61L256C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L256B AMICC-LP61L256B Datasheet
132Kb / 11P
32K X 8 Bit High SPEED LOW VCC CMOS SRAM
LP61L256BS-12 AMICC-LP61L256BS-12 Datasheet
132Kb / 11P
32K X 8 Bit High SPEED LOW VCC CMOS SRAM
LP61L256BV-12 AMICC-LP61L256BV-12 Datasheet
132Kb / 11P
32K X 8 Bit High SPEED LOW VCC CMOS SRAM
More results

Similar Description - LP61L256C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
32K X 8 BIT HIGH SPEED CMOS SRAM
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256 LYONTEK-LY61256 Datasheet
169Kb / 13P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com